Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 78Page - ATMEL Corporation AT89LP51 Datasheet HTML 79Page - ATMEL Corporation AT89LP51 Datasheet HTML 80Page - ATMEL Corporation AT89LP51 Datasheet HTML 81Page - ATMEL Corporation AT89LP51 Datasheet HTML 82Page - ATMEL Corporation AT89LP51 Datasheet HTML 83Page - ATMEL Corporation AT89LP51 Datasheet HTML 84Page - ATMEL Corporation AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
82
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
17.3
Command Format
Programming commands consist of an opcode byte, two address bytes, and one or 64 data
bytes. Figure 17-4 on page 82 shows a simplified flow chart of a command sequence.
A sample command packet is shown in Figure 17-5 on page 83. The packet does not use a chip
select. Command bytes are issued serially on MOSI. Data output bytes are received serially on
MISO. The command is not complete until all bytes have been transfered, including any don’t
care bytes.
Page oriented instructions always include a full 16-bit address. The higher order bits select the
page and the lower order bits select the byte within that page. The AT89LP51/52 allocates 6 bits
for byte address, 1 bit for low/high half page selection and 9 bits for page address. The half page
to be accessed is always fixed by the page address and half select as transmitted. The byte
address specifies the starting address for the first data byte. After each data byte has been
transmitted, the byte address is incremented to point to the next data byte. This allows a page
command to linearly sweep the bytes within a page. If the byte address is incremented past the
last byte in the half page, the byte address will roll over to the first byte in the same half page.
While loading bytes into the page buffer, overwriting previously loaded bytes will result in data
corruption.
For a summary of available commands, see Table 17-2 on page 84.
Figure 17-4. Command Sequence Flow Chart
Input Opcode
Input Address
High Byte
Input Address
Low Byte
Input/Output
Data
Address +1
Byte Mode or
Count == 64
yes
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com