Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 80Page - ATMEL Corporation AT89LP51 Datasheet HTML 81Page - ATMEL Corporation AT89LP51 Datasheet HTML 82Page - ATMEL Corporation AT89LP51 Datasheet HTML 83Page - ATMEL Corporation AT89LP51 Datasheet HTML 84Page - ATMEL Corporation AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
84
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Notes:1. Program Enable must be the first command issued after entering into programming mode.
2. 0110 1001B is returned on MISO when Program Enable was successful.
3. Parallel Enable switches the interface from serial to parallel format until RST goes inactive.
4. Each byte address selects one fuse or lock bit. Data bytes must be 00h or FFh.
5. See Table 17-5 on page 86 for Fuse definitions.
6. See Table 17-4 on page 86 for Lock Bit definitions.
Table 17-2.
Programming Command Summary
Command
Opcode
Addr High
Addr Low
Data 0
Data 1–63
Program Enable(1)
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
(0110 1001)
(2)
–
Parallel Enable(3)
1010 1100
0011 0101
xxxx xxxx
xxxx xxxx
–
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
–
Read Status
0110 0000
xxxx xxxx
xxxx xxxx
Status Out–
Write Code Byte
0100 0000
000a aaaa
asbb bbbb
Data In
–
Read Code Byte
0010 0000
000a aaaa
asbb bbbb
Data Out–
Write Code Page
0101 0000
000a aaaa
as00 0000
Byte 0
Bytes 1–63
Write Code Page with Auto-Erase
0111 0000
000a aaaa
as00 0000
Byte 0
Bytes 1–63
Read Code Page
0011 0000
000a aaaa
as00 0000
Byte 0
Bytes 1–63
Write Data Byte
1100 0000
xxxx xxxx
asbb bbbb
Data In
–
Read Data Byte
1010 0000
xxxx xxxx
asbb bbbb
Data Out–
Write Data Page
1101 0000
xxxx xxxx
as00 0000
Byte 0
Bytes 1–63
Write Data Page with Auto-Erase
1101 0010
xxxx xxxx
as00 0000
Byte 0
Bytes 1–63
Read Data Page
1011 0000
xxxx xxxx
as00 0000
Byte 0
Bytes 1–63
Write User Fuse(5)
0100 0001
xxxx xxxx
00bb bbbb
Fuse In(4)
–
Read User Fuse(5)
0010 0001
xxxx xxxx
00bb bbbb
Fuse Out(4)
–
Write User Fuses
(5)
0101 0001
xxxx xxxx
0000 0000
Fuse 0
(4)
Bytes 1–63
Write User Fuses with Auto-Erase(5)
0111 0001
xxxx xxxx
0000 0000
Fuse 0(4)
Fuses 1–63(4)
Read User Fuses(5)
0011 0001
xxxx xxxx
0000 0000
Fuse 0(4)
Fuses 1–63(4)
Write Lock Mode
(6)
1010 1100
1110 00BB
xxxx xxxx
xxxx xxxx
–
Read Lock Mode(6)
0010 0100
xxxx xxxx
xxxx xxxx
xxxL LLxx
–
Write Lock Bit(6)
0100 0100
xxxx xxxx
00bb bbbb
Data In(4)
–
Write Lock Bits
(6)
0101 0100
xxxx xxxx
0000 0000
Byte 0
(4)
Bytes 1–63
(4)
Read Lock Bits(6)
0011 0100
xxxx xxxx
0000 0000
Byte 0(4)
Bytes 1–63(4)
Write User Signature Byte
0100 0010
xxxx xxxx
asbb bbbb
Data In
–
Read User Signature Byte
0010 0010
xxxx xxxx
asbb bbbb
Data Out–
Write User Signature Page
0101 0010
xxxx xxxx
as00 0000
Byte 0
Byte 1–63
Write User Signature Page with Auto-Erase
0111 0010
xxxx xxxx
as00 0000
Byte 0
Byte 1–63
Read User Signature Page
0011 0010
xxxx xxxx
as00 0000
Byte 0
Byte 1–63
Read Atmel Signature Byte(7)
0010 1000
xxxx xxxx
0sbb bbbb
Data Out–
Read Atmel Signature Page(7)
0011 1000
xxxx xxxx
0s00 0000
Byte 0
Byte 1–63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com