Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 5Page - ATMEL Corporation AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
9
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
2.3.1
Instruction Execution
In Compatibility mode the AT89LP51/52 CPU uses the six-state machine cycle of the standard
8051 where instruction bytes are fetched every three system clock cycles. Execution times in
this mode are identical to AT89S51/52. For greater performance the user can enable Fast mode
by disabling the Compatibility fuse. In Fast mode the CPU fetches one code byte from memory
every clock cycle instead of every three clock cycles. This greatly increases the throughput of
the CPU. Each standard instruction executes in only 1 to 4 clock cycles. See “Instruction Set
Summary” on page 75 for more details. Any software delay loops or instruction-based timing
operations may need to be retuned to achieve the desired results in Fast mode.
2.3.2
System Clock
By default in Compatibility mode the system clock frequency is divided by 2 from the externally
supplied XTAL1 frequency for compatibility with standard 8051s (12 clocks per machine cycle).
The System Clock Divider can scale the system clock versus the oscillator source (See Section
6.4 on page 31). The divide-by-2 can be disabled to operate in X2 mode (6 clocks per machine
cycle) or the clock may be further divided to reduce the operating frequency. In Fast mode the
clock divider defaults to divide by 1.
The system clock source is selectable between the crystal oscillator, an externally driven clock
and an internal 1.8432 MHz auxiliary oscillator. See “System Clock” on page 29 and “User Con-
figuration Fuses” on page 86.
2.3.3
Reset
The RST pin of the AT89LP51/52 has selectable polarity using the POL pin (formerly EA). When
POL is high the RST pin is active high with a pull-down resistor and when POL is low the RST
pin is active low with a pull-up resistor. For existing AT89S51/52 sockets where EA is tied to
VDD, replacing AT89S51/52 with AT89LP51/52 will maintain the active high reset. Note that
forcing external execution by tying EA low is not supported.
The AT89LP51/52 includes an on-chip Power-On Reset and Brown-out Detector circuit that
ensures that the device is reset from system power up. In most cases a RC startup circuit is not
required on the RST pin, reducing system cost, and the RST pin may be left unconnected if a
board-level reset is not present.
2.3.4
Timer/Counters
A common prescaler is available to divide the time base for Timer 0, Timer 1, Timer 2 and the
WDT. The TPS
3-0 bits in the CLKREG SFR control the prescaler (Table 6-2 on page 31). In
Compatibility mode TPS
3-0 defaults to 0101B, which causes the timers to count once every
machine cycle. The counting rate can be adjusted linearly from the system clock rate to 1/16 of
the system clock rate by changing TPS
3-0. In Fast mode TPS3-0 defaults to 0000B, or the system
clock rate. TPS does not affect Timer 2 in Clock Out or Baud Generator modes.
In Compatibility mode the sampling of the external Timer/Counter pins: T0, T1, T2 and T2EX;
and the external interrupt pins, INT0 and INT1, is also controlled by the prescaler. In Fast mode
these pins are always sampled at the system clock rate.
Both Timer 0 and Timer 1 can toggle their respective counter pins, T0 and T1, when they over-
flow by setting the output enable bits in TCONB.
The Watchdog Timer includes a 7-bit prescaler for longer timeout periods than the AT89S51/52.
Note that in Fast Mode the WDIDLE and DISRTO bits are located in WDTCON and not in
AUXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com