Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 52Page - ATMEL Corporation AT89LP51 Datasheet HTML 53Page - ATMEL Corporation AT89LP51 Datasheet HTML 54Page - ATMEL Corporation AT89LP51 Datasheet HTML 55Page - ATMEL Corporation AT89LP51 Datasheet HTML 56Page - ATMEL Corporation AT89LP51 Datasheet HTML 57Page - ATMEL Corporation AT89LP51 Datasheet HTML 58Page - ATMEL Corporation AT89LP51 Datasheet HTML 59Page - ATMEL Corporation AT89LP51 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
56
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Figure 12-6. Timer 2 in Baud Rate Generator Mode
12.5
Frequency Generator (Programmable Clock Out)
Timer 2 can generate a 50% duty cycle clock on T2 (P1.0), as shown in Figure 13.. This pin,
besides being a regular I/O pin, has two alternate functions. It can be programmed to input the
external clock for Timer/Counter 2 or to toggle its output at every timer overflow. To configure
the Timer/Counter 2 as a clock generator, bit C/T2 (T2CON.1) must be cleared and bit T2OE
(T2MOD.1) must be set. Bit TR2 (T2CON.2) starts and stops the timer. The clock-out frequency
depends on the system frequency and the reload value of Timer 2 capture registers (RCAP2H,
RCAP2L), as shown in the following equation.
In the frequency generator mode, Timer 2 roll-overs will not generate an interrupt. This behavior
is similar to when Timer 2 is used as a baud-rate generator. It is possible to use Timer 2 as a
baud-rate generator and a clock generator simultaneously. Note, however, that the baud-rate
and clock-out frequencies cannot be determined independently from one another since they
both use RCAP2H and RCAP2L.
Figure 12-7. Timer 2 in Clock-out Mode
÷CDV
SMOD1
RCLK
TCLK
Rx
CLOCK
Tx
CLOCK
T2EX PIN
T2 PIN
TR2
"1"
"1"
"1"
"0"
"0"
"0"
TIMER 1 OVERFLOW
TIMER 2
INTERRUPT
2
16
16
RCAP2H
RCAP2L
TL2
TH2
C/T2 = 0
C/T2 = 1
EXF2
TRANSITION
DETECTOR
EXEN2
÷
÷
÷
OSC
Clock Out Frequency
System Frequency
2
65536
RCAP2H,RCAP2L
()
–
[]
×
--------------------------------------------------------------------------------------------
=
OSC
T2EX PIN
T2 PIN
TR2
TIMER 2
INTERRUPT
RCAP2H
RCAP2L
TL2
TH2
C/T2
EXF2
TRANSITION
DETECTOR
EXEN2
÷CDV
÷2
T2OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com