Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 73Page - ATMEL Corporation AT89LP51 Datasheet HTML 74Page - ATMEL Corporation AT89LP51 Datasheet HTML 75Page - ATMEL Corporation AT89LP51 Datasheet HTML 76Page - ATMEL Corporation AT89LP51 Datasheet HTML 77Page - ATMEL Corporation AT89LP51 Datasheet HTML 78Page - ATMEL Corporation AT89LP51 Datasheet HTML 79Page - ATMEL Corporation AT89LP51 Datasheet HTML 80Page - ATMEL Corporation AT89LP51 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
77
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
MOV A, #data
26
2
74
MOV Rn, A
1
6
1
F8-FF
MOV Rn, direct
2
12
2
A8-AF
MOV Rn, #data
26
2
78-7F
MOV direct, A
2
6
2
F5
MOV direct, Rn
2
12
2
88-8F
MOV direct, direct
3
12
3
85
MOV direct, @Ri
2
12
2
86-87
MOV direct, #data
312
3
75
MOV @Ri, A
1
6
1
F6-F7
MOV @Ri, direct
2
12
2
A6-A7
MOV @Ri, #data
2
6
2
76-77
MOV DPTR, #data16
3
12
3
90
MOV /DPTR, #data16(2)
4–
4A5 90
MOVC A, @A+DPTR
1
12
3
93
MOVC A, @A+/DPTR(2)
2–
4A5 93
MOVC A, @A+PC
1
12
3
83
MOVX A, @Ri
1
12
2
E2-E3
MOVX A, @DPTR
1
12(3)
4(3)
E0
MOVX A, @/DPTR
(2)
218
(3)
5
(3)
A5 E0
MOVX @Ri, A
1
12
2
F2-F3
MOVX @DPTR, A
1
12(3)
4(3)
F0
MOVX @/DPTR, A
(2)
218
(3)
5
(3)
A5 F0
PUSH direct
2
12
2
C0
POP direct
2
12
2
D0
XCH A, Rn
1
6
1
C8-CF
XCH A, direct
2
6
2
C5
XCH A, @Ri
1
6
2
C6-C7
XCHD A, @Ri
1
6
2
D6-D7
Bit Operations
Bytes
Clock Cycles
Hex Code
Compatibility
Fast
CLR C
1
6
1
C3
CLR bit
2
6
2
C2
SETB C
1
6
1
D3
SETB bit
2
6
2
D2
CPL C
1
6
1
B3
CPL bit
2
6
2
B2
ANL C, bit
2
12
2
82
ANL C, bit
2
12
2
B0
Table 16-1.
Instruction Execution Times and Exceptions
(1) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com