Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 23 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 23 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 27Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
7xD/7xS
with threaded connection
7xD/7xS
with flanged connection
7xD: 10.90 (277)
7xS: 9.45 (240)
Mounting
Flange
3.28
(83)
4.12
(105)
10.08
(256)
4.00
(102)
2 cable
entries
45°
Probe
Insertion
Length
7xD: 7.83 (199)
7xS: 6.14 (156)
7xD: 8.58 (218)
7xS: 6.97 (177)
3.28
(83)
4.12
(105)
10.08
(256)
4.00
(102)
2 cable
entries
45°
Probe Insertion
Length
1" BSP (G1)
Process Conn.
Probe Insertion
Length
3/4" NPT
Process Conn.
7xL
with flanged connection
14.76 (375)
Mounting
Flange
3.28
(83)
4.12
(105)
10.08
(256)
4.00
(102)
2 cable
entries
45°
Probe
Insertion
Length
1/4" NPT
plugged
7xL
with threaded connection
11.69 (297)
3.28
(83)
4.12
(105)
10.08
(256)
4.00
(102)
2 cable
entries
45°
Probe
Insertion
Length
1/4" NPT
plugged
Coaxial GWR Probe,
End View
Venting holes
for all
A
C
D
E
Venting holes
for 7xD/7xL
(order per “x” description)
Slots for 7xD - A/V/W
(order per “x” description)
1.97
(50)
0.79
(20)
0.16 (4)
Dim.
Standard Coaxial
Enlarged Coaxial
A
12.00 (305)
12.00 (305)
B
Ø 0.25 (6.4)
Ø 0.50 (12.7)
C
0.75 (19)
1.00 (25.4)
D
0.88 (22.5)
1.75 (45) - SST
1.92 (49) - HC and Monel
E
0.31 (8)
0.63 (16)
B
23
H I G H
T E M P / P R E S S U R E
C O A X I A L
P R O B E
I N C H E S
( m m )
O V E R F I L L S A F E &
O V E R F I L L P R O T E C T I O N
Eclipse 7xD and 7xL coaxial type GWR probes are “Overfill
safe” in use and “Overfill proof” certified.
Overfill safe means that the unit is capable of measuring up
to the process connection. “Non-overfill safe” probes use soft-
ware to ignore level readings in the blocking distance or tran-
sition zone. When level rises in this zone, non-overfill safe
probes may consider the end of probe reflection as to the real
level and may report an empty vessel instead of an overfilling
vessel.
Overfill proof protection (such as WHG or VLAREM) certifies
reliable operation when the transmitter is used as overfill alarm
but assumes that the installation is designed in such way that
the vessel/ cage cannot overfill.
Measure to
Top of Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com