Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 2Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 3Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
T R A N S M I T T E R
S P E C I F I C A T I O N S
F U N C T I O N A L / P H Y S I C A L
Œ
Not applicable for FOUNDATION fieldbus™ and PROFIBUS PA™ units.
Power (at terminals) General Purpose / Intrinsically Safe
11 to 28.6 VDC
Explosion Proof (with Intrinsically Safe probe)
11 to 36 VDC
FOUNDATION fieldbus™ and PROFIBUS PA™ (FISCO)
9 to 17.5 VDC
FOUNDATION fieldbus™ and PROFIBUS PA™ (FNICO Exd)
9 to 32 VDC
Signal Output
4–20 mA with HART®
3.8 mA to 20.5 mA useable (meets NAMUR NE 43)
FOUNDATION fieldbus™
H1 (ITK Ver. 5.01) or Profibus PA™ H1
PROFIBUS PA™
Span
6" to 75' (15 mm to 22 m) except 7xS: max 15' (45 m)
Resolution
Analog: 0.01 mA
Display: 0.1 (inches or centimeters)
Loop Resistance
630
Ω @ 20.5 mA - 24 VDC
Damping
Adjustable 0-10 s
Diagnostic Alarm
Adjustable 3.6 mA, 22 mA, HOLD
User Interface
HART® communicator, AMS® or PACTware®, FOUNDATION fieldbus™, PROFIBUS PA™,
and/or 3-button keypad
Display
2-line x 8-character LCD
Menu Language
English/Spanish/French/German (FOUNDATION fieldbus™ and PROFIBUS PA: English)
Housing Material
IP 66/Aluminium A356T6 (< 0.20 % copper) 316 stainless steel
SIL
Œ
(Safety Integrity
Level)
Standard
electronics
Functional safety to SIL 1 as 1oo1 / SIL 2 as 1oo2 in accordance to 61508 – SFF of 85.4 %
– full FMEDA reports and declaration sheets available at request
Enhanced
electronics
Functional safety to SIL 2 as 1oo1 in accordance to 61508 – SFF of 91 %
– full FMEDA reports and declaration sheets available at request
Electrical Data
Ui = 28.4 V, li = 94 mA, Pi = 0.67 W
Ci = 0.56 V, li = 380 mA, Pi = 5.32 W (FOUNDATION fieldbus™ / PROFIBUS PA)
Equivalent Data
Ci = 2.2 nF, Li = 3 µH
Ci = 0.56 nF, Li = 3 µH (FOUNDATION fieldbus™ / PROFIBUS PA)
Shock/Vibration Class
ANSI/ISA-571.03 SA1 (Shock), ANSI/ISA-571.03 VC2 (Vibration)
Net and Gross
Weight
Cast aluminium
6 lbs. (2.7 kg) net; 7 lbs. (3.2 kg) gross – transmitter only
Stainless steel
12.5 lbs. (5.7 kg) net; 13.5 lbs. (6.2 kg) gross – transmitter only
Overall Dimensions
H 8.43" (214 mm) x W 4.38" (111 mm) x D 7.40" (188 mm)
FOUNDATION fieldbus™
specifications
ITK Version
5.01
H1 Device Class
Link Master (LAS) – selectable ON/OFF
H1 Profile Class
31PS, 32L
Function Blocks
1 x RB (s), 4 x AI (s), 1 x TB (c), and (1) PID
Quiescent current draw
15 mA
Execution time
15 ms (45 msec PID Block)
CFF files
Downloads available from Host system supplier or www.fieldbus.org
Profibus PA
specifications
Device revision
0x01
Digital communication
protocol
Version 3.0 MBP (31.25 kbits/sec)
Function Blocks
1
× PB, 4 × Al blocks, 1 × TB
Quiescent current draw
15 mA
Execution time
15 ms
GSD files
Downloads available from www.profibus.com or Magnetrol.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com