Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 3Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Œ
Specifications will degrade with Model 7xB, 7xD, and 7xP probes and/or Fixed threshold configuration.

Top 24 inches of Model 7xB probe: 1.2 inches (30 mm).
Reference Conditions with a
72" coaxial type GWR probe
Œ
Reflection from liquid, with dielectric in center of
selected range, at 70 °F (+20 °C) with CFD threshold
Linearity

Coaxial/twin
lead probes
< 0.1 % of probe length or 0.1" (2.5 mm),
whichever is greater
Single lead
probes
< 0.3 % of probe length or 0.3" (8 mm),
whichever is greater
Accuracy

Coaxial/twin
lead probes
< 0.1 % of probe length or 0.1" (2.5 mm),
whichever is greater
Single lead
probes
± 0.5 % of probe length or 0.5" (13 mm),
whichever is greater
7xT/7xL interface
± 1" (25 mm)
Resolution
± 0.1" (2.5 mm)
Repeatability
< 0.1" (2.5 mm)
Hysteresis
< 0.1" (2.5 mm)
Response Time
< 1 second
Warm-up Time
< 5 seconds
Ambient Temp.
-40° to +175° F (-40° to +80° C): blind transmitter
-5° to +160° F (-20° to +70° C): with digital display
-40° to +160° F (-40° to +70° C):
for EEx ia and EEx d[ia] with blind transmitter
-5° to +160° F (-20° to +70° C):
for EEx ia and EEx d[ia] with digital display
Process Dielectric Effect
< 0.3" (7.5 mm) within selected range
Operating Temp. Effect
Approx. +0.02 % of probe length/°C for probes
≥ 8' (2.5 m)
Humidity
0-99 %, non-condensing
Electromagnetic Compatibility
Meets CE requirements (EN-61326: 1997+A1+A2) and NAMUR NE 21
(Single and Twin Rod probe must be used in metallic vessel or stillwell)
Surge Protection
Meets CE EN61326 (1000 V)
T R A N S M I T T E R
S P E C I F I C A T I O N S
P E R F O R M A N C E
P R O B E
S P E C I F I C A T I O N S
Description
7xD / 7xL: High Pressure / High Temperature
GWR Probe
7xS: Saturated Steam GWR Probe
Materials
Probe
316/316L (1.4401/1.4404), Hastelloy C® (2.4819) or Monel® (2.4360)
Process seal
Borosilicate/Inconel X750
High Temp PEEK with Aegis PF 128
Spacers
Alumina (7xD-A, B and C) – TFE (7xD-W) –
High Temp PEEK (7xD-V, N, P and R)
High Temp PEEK
Probe diameter
Standard coax
Inner rod 0.31" (8 mm) – outer tube 0.87" (22.5 mm)
Enlarged coax
Stainless steel:
Inner rod 0.63" (16 mm)
Outer tube 1.75" (45 mm)
Hastelloy C and Monel: Inner rod 0.63" (16 mm)
Outer tube 1.92" (49 mm)
n/a
Process Connection
Threaded: 3⁄4" NPT or 1" BSP (G1) – except for enlarged probe
Flanged: Various ANSI, DIN or “proprietary” mating flanges
Probe length
From 24 to 240 inches (60 to 610 cm)
Œ
From 24 to 180 inches (60 to 450 cm)
Transition Zone

Top
None
8" (200 mm)
Ž
Bottom
ε
r: 1.4 = 6" (150 mm) /
ε
r: 80 = 1" (25 mm)
ε
r
≥ 10 = 1" (25 mm)
Max. Process
Temp.
Max
+800° F @ 1500 psi (+430° C @ 103 bar)
+650° F @ 4700 psi (+345° C @ 324 bar) for
7xx-V, N, P and R
+400° F @ 5700 psi (+200° C @ 393 bar) for 7xx-W
+650° F @ 2250 psi (+345° C @ 155 bar)
Min
-320° F @ 2000 psi (-196 °C @ 135 bar)
0° F @ 3000 psi (-15° C @ 205 bar)
Max. Process Pressure

6250 psi @ +70° F (430 bar @ +20° C)
2250 psi @ +650° F (155 bar @ +345° C)
Max. Viscosity
500 cP (standard) / 1500 cP (enlarged)
500 cP
Dielectric Range
ε
r
≥ 1.4-100: 7xx-W, V, N, P and R
ε
r
≥ 2,0-100: 7xx-A, B and C
10 to 100
Vacuum service
Full vacuum
(Helium leak < 10-8 cc/s @ 1 atmosphere vacuum)
Negative pressure but not hermetic seal
1200
1000
800
600
400
200
0
0
10
20
30
40
VDC
GENERAL PURPOSE (GP)
INTRINSICALLY SAFE (IS)
EXPLOSION PROOF (XP)
20.5 mA
24 VDC
630
11
Ω
Œ
Consult factory for insertion length < 24" (60 cm).

Transition Zone (zone with reduced accuracy) is dielectric dependent;
ε
r = dielectric permitivity. It is recommended to set 4–20 mA signal outside transition zones.
Ž
Consult factory for overfill applications.

See tables on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com