Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 26 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 26 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
7* F-F
Single rod PFA insulated 316/316L (1.4401/1.4404) GWR probe
ε
r
≥ 1.9/10 Œ
BASIC MODEL NUMBER
7F
FN
*Specify “E” for English (e.g., 7EF-F) or “M” for Metric (e.g., 7MF-F)
4 3
2"
150# ANSI RF flange
4 4
2"
300# ANSI RF flange
4 5
2"
600# ANSI RF flange
5 3
3"
150# ANSI RF flange
5 4
3"
300# ANSI RF flange
5 5
3"
600# ANSI RF flange
6 3
4"
150# ANSI RF flange
6 4
4"
300# ANSI RF flange
6 5
4"
600# ANSI RF flange
D A
DN 50, PN 16
EN 1092-1 Type A
D B
DN 50, PN 25/40 EN 1092-1 Type A
D D
DN 50, PN 63
EN 1092-1 Type B2
D E
DN 50, PN 100
EN 1092-1 Type B2
E A
DN 80, PN 16
EN 1092-1 Type A
E B
DN 80, PN 25/40 EN 1092-1 Type A
E D
DN 80, PN 63
EN 1092-1 Type B2
E E
DN 80, PN 100
EN 1092-1 Type B2
F A
DN 100, PN 16
EN 1092-1 Type A
F B
DN 100, PN 25/40 EN 1092-1 Type A
F D
DN 100, PN 63
EN 1092-1 Type B2
F E
DN 100, PN 100
EN 1092-1 Type B2
PROCESS CONNECTION – SIZE/TYPE
M O D E L
N U M B E R
P F A
I N S U L A T E D /
F A C E D - F L A N G E
P R O B E
F O R
A G G R E S S I V E
L I Q U I D S
( F O R
I N - T A N K
M O U N T I N G
O N L Y )
ANSI Flanges
EN/DIN Flanges
Œ For dielectric range
≤1.9 and 10, probe must be mounted
within 2–6 inches (50–150 mm) distance from the tank wall or
in a cage or bridle. See mounting consideration on page 25.
26
INSERTION LENGTH
24 to 240 inches (60 to 610 cm)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060
F L E X I B L E
C A B L E
P R O B E S
F O R
L I Q U I D S
O R
S O L I D S
7
A0
*Specify “E” for English (e.g., 7EF-F) or “M” for Metric (e.g., 7MF-F)
PROCESS CONNECTION – SIZE/TYPE
ANSI Flanges & EN/DIN Flanges
4 1
2" NPT thread
4 2
2" BSP (G2) thread
Refer to charts in above section.
(ANSI codes 43, 44, 45 & EN DIN codes DA, DB, DD, DE
not available with 7*7/7*5 GWR probes)
Threaded
0
Viton® GFLT seal: for universal use
-40° F (-40° C) / +400° F (+200° C)
PROCESS SEAL – O-RING MATERIAL
7* 1-A
Single cable GWR probe in 316 stainless steel
For liquid level
7* 7-A
Twin cable GWR probe in FEP coated 316 stainless steel For liquid level
7* 2-A
Single cable GWR probe in 316 stainless steel
For solids level (use only Viton® process seal)
7* 5-A
Twin cable GWR probe in 316 stainless steel
For solids level (use only Viton® process seal)
BASIC MODEL NUMBER – GWR probe suited for external cage and/or in-tank mounting
0 0 3
min 3' (1 m) for model 7*1
0 0 6
min 6' (2 m) for models 7*2, 7*7, 7*5
0 4 0
max 40' (12 m) for model 7*7 for liquid interface
0 7 5
max 75' (22 m) all models except 7*7 for liquid interface
INSERTION LENGTH – Specify per 1' (1 m) increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com