Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
M O D E L
N U M B E R
H I G H
T E M P / P R E S S U R E
C O A X I A L
P R O B E
7 * D
HTHP GWR probe for level
ε
r
≥ 1.4 - WHG approved Œ
7 * L
HTHP GWR probe for level with flushing connection
ε
r
≥ 1.4 - WHG approved Œ
BASIC MODEL NUMBER – High Temperature/High Pressure Coaxial GWR probe
INSERTION LENGTH (next page)
A
316/316L (1.4401/1.4404) SST with ceramic spacers
min.
ε
r:
≥ 2.0/max +800°F (+427°C)
B
Hastelloy C (2.4819) with ceramic spacers
min.
ε
r:
≥ 2.0/max +800°F (+427°C)
C
Monel (2.4360) with ceramic spacers
min.
ε
r:
≥ 2.0/max +800°F (+427°C)
J
316/316L SS NACE construction with ceramic spacers
min.
ε
r:
≥ 2.0/max +800°F (+427°C)
V
316/316L (1.4401/1.4404) SST with H. Temp PEEK® spacers
min.
ε
r:
≥ 1.4/max +650°F (+345°C)
W
316/316L (1.4401/1.4404) stainless steel with Teflon® spacers
min.
ε
r:
≥ 1.4/max +550°F (+288°C)
For standard coaxial 7xD/7xL GWR probe - max 6250 psig (430 bar)
MATERIAL OF CONSTRUCTION (all wetted parts) and MINIMUM DIELECTRICS
PROCESS SEAL MATERIAL (next page)
7
*Specify “E” for English (e.g., 7ED) or “M” for Metric (e.g., 7MD)
1 1
3⁄4" NPT Thread
2 2
1" BSP (G1) thread
Threaded
2 3
1"
150# ANSI RF
2 4
1"
300# ANSI RF
2 5
1"
600# ANSI RF
2 K
1"
600# ANSI RJ
2 L
1"
900# ANSI RJ
3 3
1
1⁄2"
150# ANSI RF
3 4
1
1⁄2"
300# ANSI RF
3 5
1
1⁄2"
600# ANSI RF
3 K
1
1⁄2"
600# ANSI RJ
3 M
1
1⁄2"
900/1500# ANSI RJ
3 N
1
1⁄2"
2500# ANSI RJ
4 3
2"
150# ANSI RF
4 4
2"
300# ANSI RF
4 5
2"
600# ANSI RF
4 K
2"
600# ANSI RJ
4 M
2"
900/1500# ANSI RJ
4 N
2"
2500# ANSI RJ
5 3
3"
150# ANSI RF
5 4
3"
300# ANSI RF
5 5
3"
600# ANSI RF
5 K
3"
600# ANSI RJ
5 L
3"
900# ANSI RJ
5 M
3"
1500# ANSI RJ
5 N
3"
2500# ANSI RJ
6 3
4"
150# ANSI RF
6 4
4"
300# ANSI RF
6 5
4"
600# ANSI RF
6 K
4"
600# ANSI RJ
6 L
4"
900# ANSI RJ
6 M
4"
1500# ANSI RJ
6 N
4"
2500# ANSI RJ
ANSI Flanges
EN/DIN & Torque Tube Mating Flanges (next page)
PROCESS CONNECTION – SIZE/TYPE
(consult factory for other process connections)
Refer to Bulletin 57-102 for Enlarged Coaxial Probe
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com