Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 15 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 15 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
D I M E N S I O N S
i n c h e s ( m m )
Integral Electronics
15
33 or 144
(838 or 3650)
3.75
(95)
3.00
(76)
2.37
(60)
2.00
(51)
3.50
(89)
2 Holes
.38 (10) Dia.
4.12
(105)
3.28
(83)
4.00
(100)
Elect.
Conn.
Qty. 2
45
4.00
(102)
Eclipse Remote Configurations
4.38
(111)
8.43
(214)
4.94
(126)
45
° View
Eclipse Housing
(45° View)
4.12
(105)
3.28
(83)
Elect.
Conn.
Qty. 2
45
°
4.00
(102)
10.08
(256)
E L E C T R I C A L
W I R I N G
0%
100%
Power supply:
GP / intrinsically safe / explosion proof: min 11 VDC
Standard shielded twisted cable
(recommended but not needed
when wired as per NAMUR NE 21
for field strenghts up to 10 V/m).
Galvanic Barrier:
max: 28.4 VDC @ 94 mA for intrinsically safe units
max: 17.5 VDC @ 380 mA for FOUNDATION fieldbus
™ units
(not needed for GP Dust Ex and explosion proof models).
Ex
Non Ex
HART
® modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com