Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 25 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 25 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
R I G I D
S I N G L E
R O D
P R O B E
D I M E N S I O N S
I N C H E S
( m m )
1.
Turbulence
For 7xF/7x1/7x2/7xJ (single rod/cable)
The bottom of the probe should be stabilized if tur-
bulence will cause a deflection of more than 3" at 10'
(75 mm at 3 m) of length. The probe should not
make contact with metal. A TFE bottom spacer for
7xF GWR probes or PEEK spacer for 7xJ is optional.
2.
Nozzles: do not restrict the performance by
ensuring the following:
For 7xF/7x1/7x2/7xJ (single rod/cable):
1. Nozzle must be 50 mm (2") or larger diameter.
2. Nozzle inside diameter (A) should be
≥ to nozzle
height (B). If this is not the case, it is recommend-
ed to adjust BLOCKING DISTANCE and/or SENSI-
TIVITY settings.
For 7x5/7x7 (twin rod/cable):
1. Nozzle should be DN80 (3") diameter or larger.
2. For nozzles < DN80 (3") diameter, the bottom of
the inactive section of the probe should be flush
with the bottom of the nozzle or extend into the
vessel.
3.
Metallic (conductive) obstructions in tank.
For 7xF/7x1/7x2 (single rod/cable)
A metal stillwell/cage of max. 6"/DN150 size or a
metal tank wall within 150 mm of the probe mount-
ing will allow the unit to operate accurately in media
with dielectrics down to
ε
r 1.9. Objects in the prox-
imity can cause erroneous readings
For 7x5/7x7 (twin rod/cable)
Mount the probe more than 25 mm (1") from any
metallic object/vessel wall.
4.
Non-metallic vessels
For 7xF/7x1/7x2/7xJ (single rod/cable)
Flange (metal) mounting is recommended for
optimum performance.
High level shutdown / Overfill protection
Special consideration is necessary in any high level shut-
down / overfill protection application where single rod
GWR probes are used. To ensure proper measurement,
the guided wave radar probe should be installed so the
maximum overfill level is at a minimum of 120 mm (4.8")
up to 910 mm (36") – blocking distance depending appli-
cation below the process connection. Consult factory for
further information.
Distance to probe
Acceptable objects
< 150 mm (6")
Continuous, smooth, parallel,
conductive surface (e.g. metal
tank wall); probe should not touch
tank wall
> 150 mm (6")
< 1"/DN25 diameter pipe and
beams, ladder rungs
> 300 mm (12")
< 3"/DN80 diameter pipe and
beams, concrete walls
> 450 mm (18")
All remaining objects
25
“ I N
T A N K ”
S T A N D A R D
S I N G L E
R O D
P R O B E
M O U N T I N G
C O N S I D E R A T I O N S
Pipe reducers
should not be used
Correct installation
A
B
7xF/7xJ
with threaded connection
max. 240" (6 m)
7xF/7xJ
with flanged connection
max. 240" (6 m)
Spacer (end view)
3.28
(83)
4.12
(105)
10.08
(256)
1.42 (36)
2.36 (60)
2.24 (57)
Optional Spacer
Optional Spacer
4.00
(102)
Ø Rod
Bare 0.50 (13) /
PFA insulated
0.62 (16)
Process Conn.
2 cable
entries
Probe Insertion
Length for 2" (G2)
BSP process connection
Probe Insertion
Length for 2" NPT
process connection
45°
0.50 (13)
Ø Rod
Probe
Insertion
Length
1.90
(49)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com