Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Description
7xF: standard single rod
7xJ: HTHP single rod
Materials
Probe
316/316L (1.4401/1.4404), Monel® (2.4360),
Hastelloy C® (2.4819) or PFA insulated 316/316L
(1.4401/1.4404)
316/316L (1.4401/1.4404), Monel® (2.4360) or
Hastelloy C® (2.4819)
Process seal
TFE with Viton® GFLT or Kalrez 4079
(Consult factory for alternatives)
PEEK with Aegis PF 128
Probe diameter
Bare: 0.50" (13 mm) -
PFA coated: 0.625" (16 mm)
Bare: 0.50" (13 mm)
Mounting
See mounting considerations on page 25
Process Connection
Threaded: 2" NPT or 2" BSP (G2) – Flanged: Various ANSI or EN/DIN
Probe length
From 24 to 240 inches (60 to 610 cm) selectable in 1-inch or 1-cm increments
Blocking distance (top)
4.8" up to 36" (12 up to 91 cm) - depending probe length (adjustable)
Transition Zone

(bottom)
ε
r
≥ 10: 1" (25 mm)
Process Temp.
Max
+300° F @ 400 psi (+150° C @ 27 bar) ambient
+600° F @ 2250 psi (+315° C @ 155 bar)
Min
-40° F @ 750 psi (-40° C @ 50 bar) – 200 psi (13.7 bar) for 7xF-F
Max Process Pressure
1000 psi @ +70° F (70 bar @ +20° C)
3000 psi @ +70° F (207 bar @ +20° C)
Max Viscosity
10.000 cP – consult factory in case of agitation/turbulence
Dielectric Range
ε
r 10-100 (depending installation conditions, down to
ε
r
≥ 1.9) – liquids
Mechanical load
Not applicable
Pull-down force
Not applicable
Media coating
Maximum error of 10% of coated length. % Error is related to dielectric of medium, thickness of
coating and coated probe length above level.
Viton® is a registered trademark of DuPont Performance Elastomers.
Œ
Consult factory for insertion length < 24" (60 cm)

Transition Zone (zone with reduced accuracy) is dielectric dependent;
ε
r = dielectric permitivity. It is recommended to set 4–20 mA signal outside transition zones.
Ž
See tables on page 9.

Bridging is defined as continuous accumulation of material between the probe elements.
8
Description
7xT / 7xN: Interface GWR Probe
7xR / 7xM: Overfill Protection Coaxial Probe
7xB: Standard Twin Rod GWR Probe
Materials
Probe
316/316L (1.4401/1.4404)
Hastelloy C® (2.4819) or Monel® (2.4360)
Process seal
TFE with Viton® GFLT or Kalrez 4079 (Consult factory for alternatives)
Spacers
Teflon
Probe diameter
Small coax
Inner rod 0.31" (8 mm)
Outer tube 0.87" (22.5 mm)
Two 0.5" (13 mm) Ø rods –
22 mm (0.875") CL to CL
Large coax
Stainless steel: Inner rod 0.63" (16 mm) – Outer
tube 1.75" (45 mm)
Hastelloy C and Monel: Inner rod 0.63" (16 mm) –
Outer tube 1.92" (49 mm)
Mounting
In-tank mounting / external cage mounting
– overfill safe
In-tank mounting only. Twin rod probe must be
used in metallic vessel or stillwell > 1" (25 mm) from
any surface or obstruction
Process Connection
Threaded: 3⁄4" NPT or 1" BSP (G1) – except for
enlarged probe
Flanged: Various ANSI, DIN or “proprietary”
mating flanges
Threaded: 2" NPT or 2" BSP (G2)
Flanged: Various ANSI, DIN or “proprietary”
mating flanges
Probe length
From 24 to 240 inches (60 to 610 cm), selectable in 1-inch or 1-cm increments
Œ
Transition Zone

Top
None
ε
r
≥ 1.9 = 6" (150 mm)
Bottom
ε
r: 1.4 = 6" (150 mm)/
ε
r: 80 = 2" (50 mm)
ε
r: 1.9 = 6" (150 mm)/
ε
r: 80 = 1" (25 mm)
Process Temp.
Max
+400° F @ 270 psi (+200° C @ 18 bar)
Min
-40° F @ 750 psi (-40° C @ 50 bar)
Max. Process Pressure
Ž
1000 psi @ +70° F (70 bar @ +20° C)
1000 psi @ +70 °F (70 bar @ +20° C)
Max. Viscosity
500 cP
1500 cP
Dielectric Range
Upper liquid:
≥ 1.4 and ≤ 5, Lower liquid: ≥ 15
1.9 to 100
Vacuum service
Negative pressure but not hermetic seal
Media coating
In case of media coating, select 7xN probe.
Film: 3% error of coated length,
bridging not recommended

P R O B E
S P E C I F I C A T I O N S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com