Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Measuring range:
min 12" (30 cm)
max 224" (570 cm)
E
Probe Insertion Length =
+ measuring range +
F
E
20 mA / 100 %
4 mA / 0 %
min 1" (25 mm)
Body connection
F
P
Before
After
Manufacturer
Type
Process connection
Displacer length
inches (mm)
Probe length
Œ
inches (mm)
Magnetrol®
EZ & PN Modulevel®
ANSI/DIN flange
≥ 14" (356)
Displacer + 7 (178)
Masoneilan®
Series 1200
Proprietary flange
≥ 14" (356)
Displacer + 8 (203)
ANSI/DIN flange
≥ 16" (406)
Displacer + 8 (203)
Fisher® series
2300 & 2500
249B, 259B, 249C cages
Proprietary flange
≥ 14" (356)
Displacer + 10 (254)
other cages
ANSI flange
≥ 14" (356)
consult factory
Eckhardt®
Series 134, 144
ANSI/DIN flange
≥ 14" (356)
consult factory
Tokyo Keiso®
FST-3000
ANSI/DIN flange
H = 11.8" (300)
Displacer + 9 (229)
ANSI/DIN flange
≥ H = 19.7" (500)
Displacer + 9 (229)
Recomended probe length for replacing displacer transmitters
The table below helps to define the GWR probe length for the most common displacer transmitters.
Refer to the flange selection guide on the next page.
Œ
Round down resulting calculation to the nearest inch.
Eclipse has proven to be the ideal replacement for exist-
ing torque tube transmitters. In numerous applications
around the world, customers have found Eclipse Guided
Wave Radar superior to torque tube transmitters:
•
Cost:
A new Eclipse costs only slightly more than rebuilding
an aging torque tube.
•
Installation:
No field calibration is necessary; it can be configured
in minutes with no level movement. Factory pre-con-
figuration is available.
•
Performance:
Eclipse is not affected by changes in specific gravity or
dielectric.
•
Ease of replacement:
Proprietary flanges are offered so existing chamber/
cages can be used.
In order to match the proper Eclipse transmitter with the
proper external cage, consider the following:
•
Type of application:
Use the applicable GWR probe, see pages 16 to 27.
•
Overfill proof:
“Overfill” occurs when the level rises above the maxi-
mum range of operation. Radar based probes may pro-
vide erroneous output in this zone unless an optimal
design is used. Eclipse GWR overfill probes without
top transition zones (e.g., 7xG, 7xR, 7xD, 7xT) are
always safe to use. In cases where the application
demands a different probe type, other selections can
be considered and the recommended installation pre-
cautions should be followed.
•
Min cage size:
•
Coaxial type: min 2"
•
Enlarged Coaxial Type: min 3"
•
Twin rod type: min 3"
•
Caged GWR type: 2"
R E P L A C E M E N T
O F
D I S P L A C E R
T R A N S M I T T E R
10
H
Displacer
Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com