Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  705-5202-21 Datasheet HTML 1Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 2Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 3Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
S E L E C T I O N
G U I D E
COAXIAL TYPE GWR PROBE
TWIN ROD/CABLE TYPE GWR PROBE
Œ
Each Eclipse probe can be used for vacuum service (negative pressure) but only the Borosilicate
GWR probes (7xD/7xL) are suited for full vacuum conditions (Helium leak < 10-8 cc/s @ 1 bar abs.)

Eclipse is ideally suited to be used on foaming applications but in specific conditions where dense
foam can enter in the stilling well, coaxial GWR probes are not recommended.
Ž
Depends on the spacer material. See model selection 7xD/7xL GWR probe.

For media with
ε
r 1.9 to 10, GWR probe must be mounted between 3" and 6" (75 and 150 mm)
away from the metal tank wall or in a metal cage/stillwell.
SINGLE ROD/CABLE TYPE
5
signal propagation
signal propagation
signal propagation
end view
end view
Single Rod/Cable GWR Probes: Maximum Viscosity 10,000 cP
Liquids – Rod

ε
r 1.9–100
-40° to +300° F
(-40° to +150° C)
max 1000 psig
(70 bar)
Yes
No
Yes
7xF
Liquids – Cable

ε
r 1.9–100
-40° to +300° F
(-40° to +150° C)
max 1000 psig
(70 bar)
Yes
No
Yes
7x1
Solids – Cable
ε
r 4–100
Ambient
Atmospheric
Yes
No
n/a
7x2
High Temp./
High Pressure

ε
r 1.9–100
-40° to +600° F
(-40° to +315° C)
max 3002 psig
(207 bar)
Yes
No
Yes
7xJ
Twin Rod/Cable GWR Probes: Maximum Viscosity 1500 cP
Liquids – Rod
ε
r 1.9–100
-40° to +400° F
(-40° to +200° C)
max 1000 psig
(70 bar)
Yes
No
Yes
7xB
Liquids – Cable
(level/interface)
ε
r 1.9–100
-40° to +400° F
(-40° to +200° C)
max 1000 psig
(70 bar)
Yes
No
No
7x7
Solids – Cable
ε
r 1.9–100
Ambient
Atmospheric
Yes
No
n/a
7x5
Coaxial GWR Probes: Maximum Viscosity 500 cP (I.D. 3⁄4") – 1500 cP (I.D. 13⁄4")
Level
ε
r 1.4–100
-40° to +400° F
(-40° to +200° C)
max 1015 psig
(70 bar)
Yes
Yes
No
7xR
7xM
High Temp./High Pressure
Level/Interface
ε
r 1.4–100 Ž
-321° to 800° F
(-196° to +430° C)
max 6250 psig
(430 bar)
Full
Yes
No
7xD
7xL
Saturated Steam
ε
r 10–100
up to +650° F
(up to +345° C)
max 2250 psig
(155 bar)
Yes
No
No
7xS
Interface
ε
r 1.4–100
-40° to +400° F
(-40° to +200° C)
max 1015 psig
(70 bar)
Yes
Yes
No
7xT
7xN
Application
Dielectric
Limit
Temperature
Limits
Pressure
Applications
GWR
Probe
Vacuum
Œ
Overfill Safe
Foam




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com