Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5202-21 Datasheet(PDF) 24 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 24 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Consult factory for alternative o-ring materials. For Ammonia/Chlorine applications, use the
7xD GWR probe. Viton® is a registered trademark of DuPont Performance Elastomers.
24
7 * F
Standard single rod GWR probe
ε
r
≥ 1.9/10 Œ
7 * J
High temperature / high pressure single rod GWR probe
ε
r
≥ 1.9/10 Œ
BASIC MODEL NUMBER
A
316/316L (1.4401/1.4404) stainless steel
B
Hastelloy C (2.4819)
C
Monel (2.4360)
J
316/316L SS NACE Construction
4
PFA insulated 316/316L (1.4401/1.4404) stainless steel (for 7xF only)
MATERIAL OF CONSTRUCTION
7
*Specify “E” for English (e.g., 7EF) or “M” for Metric (e.g., 7MF)
4 1
2" NPT thread
4 2
2" BSP (G2) thread
Threaded
4 3
2"
150# ANSI RF
4 4
2"
300# ANSI RF
4 5
2"
600# ANSI RF
4 K
2"
600# ANSI RJ
4 M
2"
900/1500# ANSI RJ
5 3
3"
150# ANSI RF flange
5 4
3"
300# ANSI RF flange
5 5
3"
600# ANSI RF flange
5 K
3"
600# ANSI RJ flange
5 L
3"
900# ANSI RJ flange
5 M
3"
1500# ANSI RJ flange
6 3
4"
150# ANSI RF flange
6 4
4"
300# ANSI RF flange
6 5
4"
600# ANSI RF flange
6 K
4"
600# ANSI RJ flange
6 L
4"
900# ANSI RJ flange
6 M
4"
1500# ANSI RJ flange
D A
DN 50, PN 16
EN 1092-1 Type A
D B
DN 50, PN 25/40 EN 1092-1 Type A
D D
DN 50, PN 63
EN 1092-1 Type B2
D E
DN 50, PN 100
EN 1092-1 Type B2
D F
DN 50, PN 160
EN 1092-1 Type B2
D G
DN 50, PN 250
EN 1092-1 Type B2
E A
DN 80, PN 16
EN 1092-1 Type A
E B
DN 80, PN 25/40 EN 1092-1 Type A
E D
DN 80, PN 63
EN 1092-1 Type B2
E E
DN 80, PN 100
EN 1092-1 Type B2
E F
DN 80, PN 160
EN 1092-1 Type B2
E G
DN 80, PN 250
EN 1092-1 Type B2
F A
DN 100, PN 16
EN 1092-1 Type A
F B
DN 100, PN 25/40 EN 1092-1 Type A
F D
DN 100, PN 63
EN 1092-1 Type B2
F E
DN 100, PN 100
EN 1092-1 Type B2
F F
DN 100, PN 160
EN 1092-1 Type B2
F G
DN 100, PN 250
EN 1092-1 Type B2
ANSI Flanges

PROCESS CONNECTION – SIZE/TYPE
M O D E L
N U M B E R
R I G I D
S I N G L E
R O D
P R O B E
F O R
L I Q U I D S
( F O R
I N - T A N K
M O U N T I N G
O N L Y )
• 316/316L (1.4401/1.4404) material for standard applications
• Hastelloy C (2.4819) or Monel (2.4360) for extreme aggressive media
• PFA insulated for applications with excessive coating / buildup.
Œ For dielectric range
≤1.9 and 10, probe must be mounted
within 2–6 inches (50–150 mm) distance from the tank wall or
in a cage or bridle. See mounting consideration on page 25.
 7xF up to 600# ANSI RF / PN 100 flanges.
EN/DIN Flanges

0
Viton® GFLT seal: for universal use
-40° F (-40° C) / +300° F (+150° C)
2
Kalrez 4079 seal: for aggressive media
-40° F (-40° C) / +300° F (+150° C)
8
Aegis PF 128 seal: for aggressive media
-20° C (-4° F) / +300° F (+150° C)
For 7xF
8
PEEK/Aegis PF 128 seal
-0° F (-15° C) / +600° F (+315° C)
For 7xJ
PROCESS SEAL – O-RING MATERIAL
INSERTION LENGTH
24 to 240 inches (60 to 610 cm)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060
Models available for quick shipment, usually within one
week after factory receipt of a complete purchase order,
through the Expedite Ship Plan (ESP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com