| Electronic Components Datasheet Search |
|
705-5202-21 Datasheet(PDF) 12 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
705-5202-21 Datasheet(HTML) 12 Page - Magnetrol International, Inc. |
|
12 / 28 page ![]() T Th he e M Mo osstt E Effffiic ciie en ntt P PC C C Co on nffiig gu urra attiio on n T To oo oll ffo orr E Ec clliip psse e G Gu uiid de ed d W Wa av ve e R Ra ad da arr T Trra an nssm miitttte errss PACTware is the modern, user-friendly adjustment software that enables quick configuration and diagnostics of your radar transmitters. With your PC connected through a serial interface to the HART loop, all functionality can be managed remotely anywhere on the loop. Trending Screen The ability to trend data over a period of time allows insight into overall operation of your radar. Trending values are invaluable when attempting advanced configuration or troubleshooting. PACTware PC software has the ability to track all parameters of your radar device and save them as a text or picture file. Parameters Screen Every parameter in your radar transmitter can be monitored and modified remotely with a few clicks of the mouse. From units of measure to settings for dielectric, each parameter can be viewed or changed to suit application conditions. Parameters can be developed offline or transferred between transmitters. Level Monitoring Screen Continuously viewing the level in a tank is the starting point for PACTware. The position of liquid level can be viewed in a simple visual for- mat on your PC. Level and Output values are shown numerically as well. The screen can be left open to show the relative posi- tion of the liquid level. Echo Wave Form Screen This screen yields a wealth of useful information: Level (X-axis); Signal Quality (Y-axis); Actual Echo Curve (black line); False Target Profile (red line); and Minimum Threshold (blue line). Blue hash marks show the location and signal quality of the target currently detected as liquid level. False Target Rejection—a common issue among all non-contact, transit-time devices—can be accessed from this screen. GET CONNECTED Simply connect the HART/RS232 or HART/USB serial inter- face from the PC to the two-wire loop. Process Trend Screen Echo Wave Form Screen Parameters Screen Level Monitoring Screen 12 P A C T w a r e ™ P C S O F T W A R E |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |