Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Rev. 1.00
46
����st 1�� �011
Rev. 1.00
47
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
T0 ON
Pr el oad R eg is te r
Up C oun te r
Da ta B us
PF D0
2
¸
TC 0
T0 EG
M ode C on tr ol
Ti me r 0 In te r nal C lo c k
(f T0 CK )
Ov er fl ow
to In te rr up t
T0 M1 , T0 M0
T0 OV
8-bit Timer/Event Counter 0 Structure
f SY S /4
LX T Os ci ll at or
M
U
X
T1 S
T1 ON
Pr el oad R eg is te r
Up C oun te r
D at a Bu s
PF D 1
2
¸
TC 1
T1 EG
M ode C on tr ol
Ov er fl ow
to In te rr up t
T1 M1 , T 1M 0
T1 OV
8-bit Timer/Event Counter 1 Structure
PFD0
PFD1
PFDCS
MUX
0
1
PFD output
Timer Registers – TMR0, TMR1
The timer registers are special function registers located in the Special Purpose Data Memory and
is the place where the actual timer value is stored. These registers are known as TMR0 and TMR1.
The value in the timer registers increases by one each time an internal clock pulse is received or an
external transition occurs on the external timer pin. The timer will count from the initial value loaded
by the preload register to the full count of FFH at which point the timer overflows and an internal
interrupt signal is generated. Then the timer value will be reset with the initial preload register value
and continue counting. Note that to achieve a maximum full range count of FFH, all the preload
registers must first be cleared to zero. It should be noted that after power-on, the preload registers
will be in an unknown condition. Note that if the Timer/Event Counter is in an OFF condition and
data is written to its preload register, this data will be immediately written into the actual counter.
However, if the counter is enabled and counting, any new data written into the preload data register
during this period will remain in the preload register and will only be written into the actual counter
the next time an overflow occurs.
Timer Control Registers – TMR0C, TMR1C
The flexible features of the Holtek microcontroller Timer/Event Counters enable them to operate in
three different modes, the options of which are determined by the contents of their respective control
register. The Timer Control Register is known as TMRnC. It is the Timer Control Register together
with its corresponding timer registers that control the full operation of the Timer/Event Counter.
Before the timer can be used, it is essential that the Timer Control Register is fully programmed with
the right data to ensure its correct operation, a process that is normally carried out during program
initialisation. To choose which of the three modes the timer is to operate in, either in the timer mode,
the event counting mode or the pulse width capture mode, bits 7 and 6 of the Timer Control Register,
which are known as the bit pair TnM1/TnM0, must be set to the required logic levels. The timer-on
bit, which is bit 4 of the Timer Control Register and known as TnON, provides the basic on/off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com