Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Rev. 1.00
�6
����st 1�� �011
Rev. 1.00
�7
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Bit 0
LXTEN: LXT Oscillator on/off control after execution of HALT instruction
0: LXT off in SLEEP Mode
1: LXT on in IDLE Mode
CTRL3 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
LVRF
LRF
WRF
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
x
0
0
"x" �nknown
Bit 7~3
Unimplemented, read as “0”
Bit 2
LVRF: reset caused by LVR function activation
0: not active
1: active
This bit can be clear to “0”, but can not set to “1”.
Bit 1
LRF: reset caused by LVRC setting
0: not active
1: active
This bit can be clear to “0”, but can not set to “1”.
Bit 0
WRF: reset caused by WE[4:0] setting
0: not active
1: active
This bit can be clear to “0”, but can not set to “1”.
CTRL4 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
LXTLP
—
TB1�
TB11
TB10
R/W
—
—
—
R/W
—
R/W
R/W
R/W
POR
—
—
—
0
—
1
1
1
Bit 7~5,3
Undefined, read as “0”
Bit 4
LXTLP: LXT oscillator low power control function
0: LXT Oscillator quick start-up mode
1: LXT Oscillator Low Power Mode
Bit 2~0
TB12~TB10: Time Base 1 clock selection
000: fS/28
001: fS/29
010: fS/210
011: fS/211
100: fS/212
101: fS/213
110: fS/214
111: fS/215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com