Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Rev. 1.00
80
����st 1�� �011
Rev. 1.00
81
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Instruction Definition
�dd Data Memory to �CC with Carry
The contents of the specified Data Memory, Accumulator and the carry flag are
added. The res�lt is stored in the �cc�m�lator.
�CC ← �CC + [m] + C
OV� Z� �C� C
�dd �CC to Data Memory with Carry
The contents of the specified Data Memory, Accumulator and the carry flag are
added. The result is stored in the specified Data Memory.
[m] ← �CC + [m] + C
OV� Z� �C� C
�dd Data Memory to �CC
The contents of the specified Data Memory and the Accumulator are added. The
res�lt is stored in the �cc�m�lator.
�CC ← �CC + [m]
OV� Z� �C� C
�dd immediate data to �CC
The contents of the Accumulator and the specified immediate data are added. The
res�lt is stored in the �cc�m�lator.
�C ← �CC + x
OV� Z� �C� C
�dd �CC to Data Memory
The contents of the specified Data Memory and the Accumulator are added. The
result is stored in the specified Data Memory.
[m] ← �CC + [m]
OV� Z� �C� C
Lo�ical �ND Data Memory to �CC
Data in the Accumulator and the specified Data Memory perform a bitwise logical
�ND operation. The res�lt is stored in the �cc�m�lator.
�CC ← �CC "�ND" [m]
Z
Lo�ical �ND immediate data to �CC
Data in the �cc�m�lator and the specified immediate data perform a bitwise
lo�ical �ND operation. The res�lt is stored in the �cc�m�lator.
�CC ← �CC "�ND"x
Z
Lo�ical �ND �CC to Data Memory
Data in the specified Data Memory and the Accumulator perform a bitwise logical
�ND operation. The res�lt is stored in the Data Memory.
[m] ← �CC "�ND" [m]
Z
ADC A,[m]
Description
Operation
Affected flag(s)
ADCM A,[m]
Description
Operation
Affected flag(s)
ADD A,[m]
Description
Operation
Affected flag(s)
ADD A,x
Description
Operation
Affected flag(s)
ADDM A,[m]
Description
Operation
Affected flag(s)
AND A,[m]
Description
Operation
Affected flag(s)
AND A,x
Description
Operation
Affected flag(s)
ANDM A,[m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com