| Electronic Components Datasheet Search |
|
HT46R0664 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R0664 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc |
|
85 / 92 page ![]() Rev. 1.00 84 ����st 1�� �011 Rev. 1.00 85 ����st 1�� �011 HT46R0664 Enhanced A/D+LCD 8-Bit OTP MCU Lo�ical OR Data Memory to �CC Data in the Accumulator and the specified Data Memory perform a bitwise logical OR operation. The res�lt is stored in the �cc�m�lator. �CC ← �CC "OR" [m] Z Lo�ical OR immediate data to �CC Data in the �cc�m�lator and the specified immediate data perform a bitwise lo�ical OR operation. The res�lt is stored in the �cc�m�lator. �CC ← �CC "OR" x Z Lo�ical OR �CC to Data Memory Data in the specified Data Memory and the Accumulator perform a bitwise logical OR operation. The res�lt is stored in the Data Memory. [m] ← �CC "OR" [m] Z Ret�rn from s�bro�tine The Pro�ram Co�nter is restored from the stack. Pro�ram exec�tion contin�es at the restored address. Pro�ram Co�nter ← Stack None Ret�rn from s�bro�tine and load immediate data to �CC The Pro�ram Co�nter is restored from the stack and the �cc�m�lator loaded with the specified immediate data. Program execution continues at the restored address. Pro�ram Co�nter ← Stack �CC ← x None Ret�rn from interr�pt The Pro�ram Co�nter is restored from the stack and the interr�pts are re-enabled by settin� the EMI bit. EMI is the master interr�pt �lobal enable bit. If an interr�pt was pendin� when the RETI instr�ction is exec�ted� the pendin� Interr�pt ro�tine will be processed before ret�rnin� to the main pro�ram. Pro�ram Co�nter ← Stack EMI ← 1 None Rotate Data Memory left The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit 0. [m].(i+1) ← [m].i; (i = 0~6) [m].0 ← [m].7 None OR A,[m] Description Operation Affected flag(s) OR A,x Description Operation Affected flag(s) ORM A,[m] Description Operation Affected flag(s) RET Description Operation Affected flag(s) RET A,x Description Operation Affected flag(s) RETI Description Operation Affected flag(s) RL [m] Description Operation Affected flag(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |