Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
Rev. 1.00
1�
����st 1�� �011
Rev. 1.00
13
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
LVD&LVR Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR1
Low Volta�e Reset Volta�e
—
LVR Enable� �.1V option
-5%
�.1
+5%
V
VLVR�
LVR Enable� �.55V option
�.55
V
VLVR3
LVR Enable� 3.15V option
3.15
V
VLVR4
LVR Enable� 3.8V option
3.8
V
VLVD1
Low Volta�e Detector Volta�e
—
LVDEN=1� VLVD=�.0V
-5%
�.0
+5%
V
VLVD�
LVDEN=1� VLVD=�.�V
�.�
V
VLVD3
LVDEN=1� VLVD=�.4V
�.4
V
VLVD4
LVDEN=1� VLVD=�.7V
�.7
V
VLVD5
LVDEN=1� VLVD=3.0V
3.0
V
VLVD6
LVDEN=1� VLVD=3.3V
3.3
V
VLVD7
LVDEN=1� VLVD=3.6V
3.6
V
VLVD8
LVDEN=1� VLVD=4.0V
4.0
V
ILVR
�dditional Power Cons�mption
if LVR is �sed
3V
LVR enabled
—
30
45
μA
5V
—
60
90
μA
ILVD
�dditional Power Cons�mption
if LVD is �sed
3V LVD disable→LVD enable
(LVR enable)
—
30
45
μA
5V
—
60
90
μA
tLVR
Low Volta�e Width to Reset
—
—
1�0
�40
480
μs
tLVD
Low Volta�e Width to Interr�pt
—
—
�0
45
90
μs
tLVDS
LVDO stable time
—
For LVR enable, LVD off→on
15
—
—
μs
tSRESET
Software Reset Width to Reset
—
—
45
90
1�0
μs
ADC Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
DNL
�/D Differential Non-linearity
3V
�VREF=VDD� t�D=0.5μs
-�
—
+�
LSB
5V
INL
�DC Inte�ral Non-linearity
3V
�VREF=VDD� t�D=0.5μs
-4
—
+4
LSB
5V
5V
I�DC
�dditional Power Cons�mption if
�/D Converter is Used
3V
No load (t�D=0.5μs )
—
0.5
—
m�
5V
—
0.6
—
m�
t�D
�/D Converter Clock Period
�.7V~5.5V
—
0.5
—
10
μs
t�DC
�/D Conversion Time
(Incl�de Sample and Hold Time)
�.7V~5.5V 1�-bit �DC
—
16
—
t�DC
tON�ST
�/D Converter On-to-Start Time
—
—
�
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com