Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
Rev. 1.00
70
����st 1�� �011
Rev. 1.00
71
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
A/D Converter Interrupt
The A/D Converter Interrupt is controlled by the termination of an A/D conversion process. An A/D
Converter Interrupt request will take place when the A/D Converter Interrupt request flag, ADF, is
set, which occurs when the A/D conversion process finishes. To allow the program to branch to its
respective interrupt vector address, the global interrupt enable bit, EMI, and A/D Interrupt enable bit,
ADE, must first be set. When the interrupt is enabled, the stack is not full and the A/D conversion
process has ended, a subroutine call to the A/D Converter Interrupt vector, will take place. When the
interrupt is serviced, the A/D Converter Interrupt flag, ADF, will be automatically cleared. The EMI
bit will also be automatically cleared to disable other interrupts.
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global interrupt enable bit, EMI, and the
corresponding timer interrupt enable bit, TnE, must first be set. An actual Timer/Event Counter
interrupt will take place when the Timer/Event Counter request flag, TnF, is set, a situation that will
occur when the relevant Timer/Event Counter verflows. When the interrupt is enabled, the stack is
not full and a Timer/Event Counter overflow occurs, a subroutine call to the relevant timer interrupt
vector, will take place. When the interrupt is serviced, the timer interrupt request flag, TnF, will be
automatically reset and the EMI bit will be automatically cleared to disable other interrupts.
Time Base Interrupts
Time Base Interrupts functions are to provide regular time signal in the form of an internal interrupt.
They are controlled by the overflow signals from their respective timer functions. When these
happens their respective interrupt request flags, TB0F or TB1F will be set. To allow the program to
branch to their respective interrupt vector addresses, the global interrupt enable bit, EMI and Time
Base enable bits, TB0E or TB1E, must first be set. When the interrupt is enabled, the stack is not
full and the Time Base overflows, a subroutine call to their respective vector locations will take
place. When the interrupt is serviced, the respective interrupt request flag, TB0F or TB1F, will be
automatically reset and the EMI bit will be cleared to disable other interrupts.
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
T0S1
T0S0
TB01
TB00
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit 7~6
Described elsewhere
Bit 5~4
TB01, TB00: Time base 0 period selection
00: fS/212
01: fS/213
10: fS/214
11: fS/215
Bit 3~0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com