Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
Rev. 1.00
4�
����st 1�� �011
Rev. 1.00
43
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
● A/D Inputs
The device has 12 inputs to the A/D converter. All of these analog inputs are pin-shared with I/O
pins. If these pins are to be used as A/D inputs and not as I/O pins then the corresponding PCRn
bits in the A/D converter control registers, ANCSR0/ANCSR1, must be properly setup. There
are no configuration options associated with the A/D converter. If chosen as I/O pins, then full
pull-high resistor configuration options remain, however if used as A/D inputs then any pull-high
resistor configuration options associated with these pins will be automatically disconnected.
Pin Remapping Configuration
The pin remapping function enables the function pins TC0 and TC1 to be located on different port
pins. It is important not to confuse the Pin Remapping function with the Pin-shared function, the two
functions have no interdependence. The PCFG bit in the CTRL0 register allows the two function
pins TC0 and TC1 to be remapped to different port pins. After power up, this bit will be reset to
zero, which will define the default port pins to which the two functions will be mapped. Changing
this bit will move the functions to other port pins.
Examination of the pin names on the package diagrams will reveal that some pin function names
are repeated, this indicates a function pin that can be remapped to other port pins. If the pin name is
bracketed then this indicates its alternative location. Pin names without brackets indicate its default
location which is the condition after Power-on.
PCFG Bit Status
PCFG Bit
0
1
Pin Mappin�
TC1/P�1
TC0/P��
TC0/P�1
TC1/P��
I/O Pin Structures
The accompanying diagrams illustrate the internal structures of some generic I/O pin types. As
the exact logical construction of the I/O pin will differ from these drawings, they are supplied as a
guide only to assist with the functional understanding of the I/O pins. The wide range of pin-shared
structures does not permit all types to be shown.
V DD
M
U
X
Wa ke - up Se le ct
S yst em W ak e- up
R ead Da ta R egi st er
D
Q
CK
S
D
Q
CK
S
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l Re gi st er
Ch ip R es et
Re ad C on tr ol R eg is te r
Wr it e Da ta R egi st er
Da ta B it
I/O p in
Q
Q
PA o nl y
We ak
Pu ll- up
Pu ll -H ig h
Re gi st er
Se le ct
Generic Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com