Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Rev. 1.00
56
����st 1�� �011
Rev. 1.00
57
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
A/D Converter Control Registers – ADCR, ACSR, ANCSR0, ANCSR1
To control the function and operation of the A/D converter, four control registers known as
ANCSR0, ANCSR1, ADCR and ACSR are provided. These 8-bit registers define functions such
as the selection of which analog channel is connected to the internal A/D converter, which pins are
used as analog inputs and which are used as normal I/Os, the A/D clock source as well as controlling
the start function and monitoring the A/D converter end of conversion status.
The ACS3~ACS0 bits in the ADCR register define the channel number. As the device contains only
one actual analog to digital converter circuit, each of the individual 12 analog inputs must be routed
to the converter. It is the function of the ACS3~ACS0 bits in the ADCR register to determine which
analog channel is actually connected to the internal A/D converter. The ANCSR0/ANCSR1 control
register also contains the PCR11~PCR0 bits which determine whether the A/D function pins are
connected to external pin. If the 12-bit address on PCR11~PCR0 has a value of “FFFH”, then all
pins will all be set as analog inputs. Note that if the PCR11~PCR0 bits are all set to zero, then all the
pins will be setup as normal I/Os.
ANCSR0 Register
Bit
7
6
5
4
3
2
1
0
Name
PCR7
PCR6
PCR5
PCR4
PCR3
PCR�
PCR1
PCR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
PCR[7:0]: define I/O lines or analog inputs configuration to port
0: digital I/O. Pin is assigned as an I/O line or pin-shared function
1: analog input. Pin is switched to analog input
ANCSR1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
PCR11
PCR10
PCR9
PCR8
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit 7~4
Unused, read as “0”
Bit 3~0
PCR[11:8]: define I/O lines or analog inputs configuration to port
0: digital I/O. Pin is assigned as a I/O line or pin-shared function
1: analog input. Pin is switched to analog input
ADCR Register
Bit
7
6
5
4
3
2
1
0
Name
ST�RT
EOCB
—
—
�CS3
�CS�
�CS1
�CS0
R/W
R/W
R
—
—
R/W
R/W
R/W
R/W
POR
0
1
—
—
0
0
0
0
Bit 7
START: Start the A/D conversion
0→1→0: start
0→1: reset the A/D converter and set EOCB to “1”
This bit is used to initiate an A/D conversion process. The bit is normally low but if set
high and then cleared low again, the A/D converter will initiate a conversion process.
When the bit is set high the A/D converter will be reset.
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
This read only flag is used to indicate when an A/D conversion process has completed.
When the conversion process is running the bit will be high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com