Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Rev. 1.00
60
����st 1�� �011
Rev. 1.00
61
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
t AD C
A/ D c onv er si on ti me
0000B
0010B
ST AR T
EO CB
AC S3 ~A CS 0
Po we r- on
Re se t
En d of A /D
co nv er si on
St ar t o f A/ D
co nv er si on
Re se t A /D
co nv er te r
A/ D sa mp li ng ti me
t A DCS
0000B
St ar t o f A/ D
co nv er si on
Re se t A /D
co nv er te r
0001B
St ar t o f A /D
co nv er si on
Re se t A/ D
co nv er te r
En d of A /D
co nv er si on
A/ D sa mp li ng ti me
t A DCS
t AD C
A/ D c onv er si on ti me
000000000000B
000000001111B
PC R1 1~ PC R0
000000001111B
000000000111B
A/ D sa mp li ng ti me
t A DCS
000000000000B
don' t ca re
t AD C
A/ D c onv er si on ti me
Mi ni mu m one in st ru ct i on cycl e needed, M ax im um t en i ns tr uc ti on c ycl es a ll ow ed
En d of A /D
co nv er si on
A/D Conversion Timing
Note: A/D clock must be fSYS/2, fSYS/8 or fSYS/32
tADCS=4tAD
tADC=16tAD
A/D Conversion Timing
After an A/D conversion process has been initiated by the application program, the microcontroller
internal hardware will begin to carry out the conversion, during which time the program can
continue with other functions. The time taken for the A/D conversion is 16tAD where tAD is equal to
the A/D clock period.
Programming Considerations
When programming, the special attention must be given to the PCR[11:0] bits in the register. If
these bits are all cleared to zero, no external pins will be selected for use as A/D input pins allowing
the pins to be used as normal I/O pins. When this happens, the internal A/D circuitry will be power
down. Setting the ADONB bit high has the ability to power down the internal A/D circuitry, which
may be an important consideration in power sensitive applications.
A/D Transfer Function
As the device contains a 12-bit A/D converter, its full-scale converted digitised value is equal to
FFFH. Since the full-scale analog input value is equal to the VDD voltage, this gives a single bit
analog input value of VDD divided by 4096. The diagram shows the ideal transfer function between
the analog input value and the digitised output alue for the A/D converter.
Note that to reduce the quantisation error, a 0.5LSB offset is added to the A/D Converter input.
Except for the digitised zero value, the subsequent digitised values will change at a point 0.5LSB
below where they would change without the offset, and the last full scale digitized value will change
at a point 1.5LSB below the VDD level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com