| Electronic Components Datasheet Search |
|
HT46R0664 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R0664 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc |
|
30 / 92 page ![]() Rev. 1.00 30 ����st 1�� �011 Rev. 1.00 31 ����st 1�� �011 HT46R0664 Enhanced A/D+LCD Type 8-Bit OTP MCU Operating Modes By using the LXT low frequency oscillator in combination with a high frequency oscillator, the system can be selected to operate in a number of different modes. These modes are Normal, Slow, Idle and Sleep. Mode Types and Selection The higher frequency oscillators provide higher performance but carry with it the disadvantage of higher power requirements, while the opposite is of course true for the lower frequency oscillators. With the capability of dynamically switching between fast and slow oscillators, the device has the flexibility to optimise the performance/power ratio, a feature especially important in power sensitive portable applications. For the device the LXT oscillator can run together with any of the high speed oscillators, namely the HXT, ERC or the HIRC. The CLKMOD bit in the CTRL0 register can be used to switch the system clock from the selected high speed oscillator to the low speed LXT oscillator. When the HALT instruction is executed the LXT oscillator can be chosen to run or not using the LXTEN bit in the CTRL2 register. HXT ERC HIRC LXT LIRC fHXT fERC fHIRC fLXT fSYS fLIRC Configuration option CLKMOD (Normal or Slow Mode Select) (Normal) (SLOW) MUX To watchdog timer MUX System Clock Configurations When the system enters the Sleep or Idle Mode, the high frequency system clock will always stop running. The accompanying table shows the relationship between the CLKMOD bit, the HALT instruction and the high/low frequency oscillators. The CLMOD bit can change Normal or Slow Mode. Operating Mode Control Operating Mode OSC1/OSC2 Configuration XT1/XT2 Configuration HXT ERC HIRC LXT LXTEN=0 LXTEN=1 Normal On On On On On Slow Off Off Off On On Idle Off Off Off Off On Sleep Off Off Off Off Off |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |