Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
Rev. 1.00
48
����st 1�� �011
Rev. 1.00
49
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Bit 2~0
T0PS2, T0PS1, T0PS0: Timer prescaler rate selection Timer internal clock
000: fTP
001: fTP/2
010: fTP/4
011: fTP/8
100: fTP/16
101: fTP/32
110: fTP/64
111: fTP/128
TMR1C Register
Bit
7
6
5
4
3
2
1
0
Name
T1M1
T1M0
T1S
T1ON
T1EG
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
1
—
—
—
Bit 7,6
T1M1, T1M0: Timer 1 operation mode selection
00: no mode available
01: event counter mode
10: timer mode
11: pulse width capture mode
Bit 5
T1S: Timer clock source
0: fSYS/4
1: LXT Oscillator
Bit 4
T1ON: Timer/event counter counting enable
0: disable
1: enable
Bit 3
T1EG: Event counter active edge selection
1: count on falling edge
0: count on rising edge
Pulse Width Capture active edge selection
1: start counting on rising edge, stop on falling edge
0: start counting on falling edge, stop on rising edge
Bit 2~0
Unimplemented, read as “0”
Timer Mode
In this mode, the Timer/Event Counter can be utilised to measure fixed time intervals, providing
an internal interrupt signal each time the Timer/Event Counter overflows. To operate in this mode,
the Operating Mode Select bit pair, TnM1/TnM0, in the Timer Control Register must be set to the
correct value as shown.
Control Register Operating Mode Select Bits for the Timer Mode.
Bit7
Bit6
1
0
In this mode the internal clock is used as the timer clock. The timer input clock source is fSYS, fSYS/4,
PFD0 or the LXT oscillator. However, this timer clock source is further divided by a prescaler, the
value of which is determined by the bits T0PS2~T0PS0 in the Timer Control Register. The timer-on
bit, TnON must be set high to enable the timer to run. Each time an internal clock high to low
transition occurs, the timer increments by one. When the timer is full and overflows, an interrupt
sigal is generated and the timer will reload the value already loaded into the preload register and
continue counting. A timer overflow condition and corresponding internal interrupts are two of the
wake-up sources. However, the internal interrupts can be disabled by ensuring that the TnE bits of
the INTC0 register are reset to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com