Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Rev. 1.00
6�
����st 1�� �011
Rev. 1.00
63
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Example: using the interrupt method to detect the end of conversion
clr ADE
; disable ADC interrupt
mov a,00000001B
mov ACSR,a
; select fSYS/8 as A/D clock and ADONB=0
mov a,00000000B
; setup ANCSR1/ANCSR0 register to configure Port
; as A/D inputs
mov ANCSR1,a
mov a,00000001B
mov ANCSR0,a
; and select AN0 to be connected to the A/D
; converter
:
:
Start_conversion:
clr START
set START
; reset A/D
clr START
; start A/D
clr ADF
; clear ADC interrupt request flag
set ADE
; enable ADC interrupt
set EMI
; enable global interrupt
:
:
:
; ADC interrupt service routine
ADC_:
mov acc_stack,a
; save ACC to user defined memory
mov a,STATUS
mov status_stack,a
; save STATUS to user defined memory
:
:
mov a,ADRL
; read low byte conversion result value
mov adrl_buffer,a
; save result to user defined register
mov a,ADRH
; read high byte conversion result value
mov adrh_buffer,a
; save result to user defined register
:
:
EXIT_ISR:
mov a,status_stack
mov STATUS,a
; restore STATUS from user defined memory
mov a, acc_stack
; restore ACC from user defined memory
clr ADF
; clear ADC interrupt flag
reti
Note: To power off ADC module, it is necessary to set ADONB as “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com