Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5631ADDFB Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R5F5631ADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ADDFB Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R5F5631ADDFB Datasheet HTML 98Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 99Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 100Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 101Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 102Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 103Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 104Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 105Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 102 of 106
Dec 27, 2011
RX63N Group, RX631 Group
Appendix 1. Package Dimensions
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Figure D 145-pin TFLGA (PTLG0145KA-A)
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
0.1g
145F0G
PTLG0145KA-A
P-TFLGA145-7x7-0.50
0.15
v
0.20
w
0.08
0.39
0.34
0.29
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.0
D
7.0
E
1.05
A
x
0.5
e
0.10
y
b1
b
0.21
0.25
0.29
0.5
ZD
ZE
0.5
S
w
A
A
H
G
F
E
D
C
B
12345678
S
yS
AB
SAB
v
x4
(Laser mark)
Index mark
J
K
L
M
N
9
10111213
D
A
ZD
b1
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com