Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5631ADDFB Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R5F5631ADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ADDFB Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R5F5631ADDFB Datasheet HTML 100Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 101Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 102Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 103Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 104Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 105Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 106Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 107Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 108Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 106 of 106
Dec 27, 2011
RX63N Group, RX631 Group
REVISION HISTORY
REVISION HISTORY
RX63N Group, RX631 Group Datasheet
Rev.
Date
Description
Page
Summary
0.50
May 13, 2011 —
First Edition issued
0.90
Dec 27. 2011 All
—
Package added (177-pin TFLGA, 176-pin LFBGA, 145-pin TFLGA), module name changed
—
Interrupt Controller (ICUb) module name changed
1. Overview
2 to 6
Table 1.1 Outline of Specifications, Reset, Realtime clock, Temperature sensor, Power supply volt-
age, changed
8 to 10
Table 1.3 List of Products, changed
10
Figure 1.1 How to Read the Product Part No., changed
12 to 17
Table 1.4 Pin Functions, BSCANP pin added
18
Figure 1.3 Pin Assignment (176-Pin TFLGA), added
19
Figure 1.4 Pin Assignment (176-Pin LFBGA), added
20
Figure 1.5 Pin Assignment (176-Pin LQFP), pin 18 changed
21
Figure 1.6 Pin Assignment (144-Pin TFLGA), added
22
Figure 1.7 Pin Assignment (144-Pin LQFP), pin 16 changed
23
Figure 1.8 Pin Assignment (100-Pin LQFP), pin 7 changed
24 to 28
Table 1.5 List of Pins and Pin Functions (177-pin TFLGA, 176-pin LFBGA), added
34 to 38
Table 1.7 List of Pins and Pin Functions (145-Pin TFLGA), added
4. I/O Registers
56 to 99
Table 5.1 List of I/O Registers, changed
Appendix 2. Package Dimensions
100
Figure A. 177-pin TFLGA (PTLG0177KA-A), added
101
Figure B. 176-pin LFBGA (PLBG0176GA-A), added
103
Figure D. 145-pin TFLGA (PTLG0145KA-A), added
105
Figure F. 100-pin TFLGA (PTLG0100KA-A), added
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com