Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 31 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 27Page - Texas Instruments TNETX15VE Datasheet HTML 28Page - Texas Instruments TNETX15VE Datasheet HTML 29Page - Texas Instruments TNETX15VE Datasheet HTML 30Page - Texas Instruments TNETX15VE Datasheet HTML 31Page - Texas Instruments TNETX15VE Datasheet HTML 32Page - Texas Instruments TNETX15VE Datasheet HTML 33Page - Texas Instruments TNETX15VE Datasheet HTML 34Page - Texas Instruments TNETX15VE Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
31
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
statistics registers at 0x17–0x1D (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
Secvioctr
0x14
Unkmultictr
Unkunictr
0x18
Numnodes
0x1C
All registers in this field are read only and their default value after reset is 0.
security violation counter, secvioctr at 0x17 (DIO)
The secvioctr field contains the number of times that a secured address attempts to move ports. This register
generates a stat interrupt (statistics overflow interrupt) when it is one-half full (most-significant bit in the field
is 1). Reading this register automatically clears it and the default value of this register is 0x00.
unknown unicasts counter, unkunictr at 0x18–0x19 (DIO)
The unkunictr register counts the number of times that the TNETX15VE broadcasts a frame that has a unicast
destination address. These frames are used when the TNETX15VE is not able to find the destination address
in its lookup table. This register generates a stat interrupt (statistic overflow interrupt) when it is one-half full
(most-significant bit in the field is 1). The default value of this register is 0x0000. Reading the least-significant
byte loads the most-significant byte into a buffer register that is shared at the most-significant byte address for
unkunictr, unkmultictr, and numcodes. The least-significant byte should be read first, followed by the
most-significant byte, without initiating a read of another statistics counter. Reading the least-significant byte
also clears the counter.
unknown multicasts counter, unkmultictr at 0x1A–0x1B (DIO)
The unkmultictr register counts the number of times that the TNETX15VE broadcasts a frame that has a
multicast destination address. Multicast destination addresses are broadcast when the TNETX15VE is not able
to find the destination address in its lookup table. This register generates a stat interrupt (statistics overflow
interrupt) when it is one-half full (most-significant bit in the field is 1). The default value of this register is 0x0000.
Reading the least-significant byte loads the most-significant byte into a buffer register that is shared at the
most-significant byte address for unkunictr, unkmultictr, and numcodes. The least-significant byte should be
read first, followed by the most-significant byte, without initiating a read of another statistics counter. Reading
the least-significant byte also clears the counter.
lookup table node count, numnodes at 0x1C–0x1D (DIO)
The numnodes counter register contains the number of addresses currently in the lookup table. This register
is read only and its value at reset is 0x0000. Reading the least-significant byte loads the most-significant byte
into a buffer register that is shared at the most-significant byte address for unkunictr, unkmultictr, and numcodes.
The least-significant byte should be read first, followed by the most-significant byte, without initiating a read of
another statistics counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com