Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 50 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 46Page - Texas Instruments TNETX15VE Datasheet HTML 47Page - Texas Instruments TNETX15VE Datasheet HTML 48Page - Texas Instruments TNETX15VE Datasheet HTML 49Page - Texas Instruments TNETX15VE Datasheet HTML 50Page - Texas Instruments TNETX15VE Datasheet HTML 51Page - Texas Instruments TNETX15VE Datasheet HTML 52Page - Texas Instruments TNETX15VE Datasheet HTML 53Page - Texas Instruments TNETX15VE Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
50
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The purpose of this section is to assist in the development of management operational code for the
TNETX15VE. Management operational code is drastically simplified when using the TNETX15VE since it is
designed to operate without the need for a management CPU. Many of the functions that previously were
performed by a CPU are now integrated on the TNETX15VE.
This section discusses the following topics:
AbackgroundontheTNETX15VEarchitecture,includingthedata-storagealgorithmandthearbitration
between logic operations
How to access the TNETX15VE registers through the DIO interface, and how these registers can be
used to access the internal/external SRAM, the EEPROM, and any MII-managed devices
How to access the TNETX15VE through the DIO interface and through a hardware reset, and what
steps are needed to bring the TNETX15VE to an operational state
How to use the logic operations to perform management-based lookups, adds, and deletions, and how
to set the forwarding option for VLANs.
How to use the TNETX15VE interrupt support to create event-driven management operational code.
internal operation
This section describes the TNETX15VE hardware and how it affects the programmer and the
TNETX3150/TNETX3150A performance. The functionality described in this section is transparent to the user,
but it is included to help the user become familiar with the TNETX15VE architecture and how it interfaces to the
TNETX3150/TNETX3150A device. Refer to the latest TNETX3150/TNETX3150A documentation for additional
information.
EAM codings and in-order broadcasts (IOB)
The TNETX15VE uses two styles of EAM codings – single-port codes and multiple-port codings. The
TNETX3150/TNETX3150A treats these two types of coding differently.
Single-port codings are those that forward frames to a single port. The TNETX3150/TNETX3150A queues
these frames to the port queue.
Multiple-port codings forward frames to multiple ports. The TNETX3150/TNETX3150A creates an IOB list
structure to queue this frame to multiple-port queues. IOB lists use more bandwidth than a regular list because
IOB lists require the use of an extra 64-byte buffer to contain all queue pointers for other ports. If 64-byte frames
are sent to multiple ports, IOB structures can then use much of the TNETX3150/TNETX3150A’s available
bandwidth.
The TNETX15VE uses single-port codings when possible, to maximize performance. The TNETX15VE
inspects all multiple-port codings after masking by the VLAN vector of source port, removal of the source port,
and removal of TX-blocked ports to determine if they can be replaced by a single-port coding. If this is possible,
then The TNETX15VE outputs the single-port coding.
For a more complete description of IOB lists, refer to the latest TNETX3150/TNETX3150A specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com