Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 43 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 39Page - Texas Instruments TNETX15VE Datasheet HTML 40Page - Texas Instruments TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments TNETX15VE Datasheet HTML 46Page - Texas Instruments TNETX15VE Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
43
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
VLAN registers
The VLAN registers are used to link individual ports together into VLANs. With VLANs active, if a packet needs
to be broadcast, the state machine must know which ports are included in the sourcing port’s VLAN (VLAN
routing mask registers). To enforce VLANs after setup, it is important to identify the VLAN of the incoming source
address because the VLAN is considered part of the address during lookup (port VLAN assignment registers).
To do this, the state machines need a table entry for each port that identifies which VLAN it is part of, and a table
of vectors (or masks of bits) that indicates which stations are included in that VLAN. The other table in this group
is the port 00 tag VLAN array. This array supports VLANs across a cascaded port 00 by allowing the state
machines to identify individual ports across the cascade to a second TNETX3150/TNETX3150A device.
With these tables set up and coordinated, nonleaky VLANs are created. Broadcast/multicast packets are
delivered only to the stations in the same VLAN as the originating station. The vector associated with the
broadcast/multicast address is ANDed with its VLANID mask, has the source port removed, and is ANDed with
the inverse of the TX block register (no forwarding to blocked ports) to determine which ports transmit the
packet. Broadcast/multicast traffic can even be confined to ports known to contain servers by excluding bits in
the VLAN routing mask registers that contain only clients. Unicast traffic is confined to the destination station
address on the same VLAN. It is the designer’s task to ensure that these tables are coordinated if nonleaky
VLANs are needed. No checks are made to see that VLAN routing mask registers and the port VLAN
assignment registers are essentially reciprocals of each other.
If VLANs are not supported, leave the port VLAN assignment registers, and the port 00 tag VLAN array set to
their default of 0x0, and the VLAN routing mask registers set to their default of 0x7FFF. This effectively creates
one VLAN with all stations included.
If VLANs are supported to other stations in systems linked through port 00 of the TNETX3150/TNETX3150A
(to which this TNETX15VE is connected), the index into the port 00 tag VLAN array is the pretag field on the
inbound packet on the TNETX3150/TNETX3150A port 00. This value is passed to the TNETX15VE as the frame
data is stored to DRAM. If VLANs are supported across port 00 of the attached TNETX3150/TNETX3150A, the
presence of the pretag on port 00 is required. If VLANs are not supported, the pretag is unimportant only if all
the entries in the port 00 tag VLAN array are left at their default value of 0. Thus, any value that is clocked off
the front of the packet yields an index at 0 to the routing mask register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com