| Electronic Components Datasheet Search |
|
TNETX15VE Datasheet(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE Datasheet(HTML) 37 Page - Texas Instruments |
|
37 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 37 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 agednode interrupt interface group at 0x40–0x46 (DIO) BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Agednode23–Agednode16 Agednode31–Agednode24 Agednode39–Agednode32 Agednode47–Agednode40 0x40 AgedVLAN Agedport Agednode7–Agednode0 Agednode15–Agednode8 0x44 The agednode interrupt interface is used with the int and intmask registers to pass information to the management agent about addresses that have been deleted from the lookup table due to the internal aging process. The information placed in these registers is written in Ethernet native data format and is only valid when the AGE bit in the int register is set to a 1. These registers are read only and default to 0 after reset. To prevent the data in these registers from being changed if another interrupt occurs while reading the current data, the data in these registers is locked until the agedVLAN register is read. aged-address register, agednode at 0x40–0x45 (DIO) On an age interrupt, the agednode registers contain the address of the node that has been aged out from the lookup table. This is a read-only register and defaults to 0x00.00.00.00.00.00 after reset. A different interrupt is issued if this information remains unread long enough that another node is aged out before the agednode registers are released. aged-address port assignment, agedport at 0x46 (DIO), byte 2 BIT 7 6 5 4 3 2 1 0 Reserved PORTCODE Initial Values After Reset 0 0 0 0 0 0 0 0 BIT NAME FUNCTION 7–4 Reserved Writes to this location are ignored and read as 0. 3–0 PORTCODE Agednode’s port assignment. PORTCODE displays the assigned port for the aged-out address contained in the agednode register. aged-address VLAN assignment, agedVLAN at 0x47 (DIO), byte 3 BIT 7 6 5 4 3 2 1 0 Reserved VLANDID Initial Values After Reset 0 0 0 0 0 0 0 0 BIT NAME FUNCTION 7–4 Reserved Writes to this location are ignored and read as 0. 3–0 VLANID Agednode’s VLAN assignment. VLANID displays the assigned VLANID for the address contained in the agednode register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |