Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 5 Page - Texas Instruments

  TNETX15VE Datasheet HTML 1Page - Texas Instruments TNETX15VE Datasheet HTML 2Page - Texas Instruments TNETX15VE Datasheet HTML 3Page - Texas Instruments TNETX15VE Datasheet HTML 4Page - Texas Instruments TNETX15VE Datasheet HTML 5Page - Texas Instruments TNETX15VE Datasheet HTML 6Page - Texas Instruments TNETX15VE Datasheet HTML 7Page - Texas Instruments TNETX15VE Datasheet HTML 8Page - Texas Instruments TNETX15VE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
internal 4K
× 16 SRAM
The TNETX15VE integrates an internal 4K
× 16 SRAM that is used to store the following:
A one-address-per-port FIFO as part of the bus watcher
A 32-address FIFO for bridge protocol data unit (BPDU) sources during spanning-tree resolution
A two-word data entry for each address it has learned
The addresses that the TNETX15VE recognizes are stored as a series of pointers in external (
×16) static RAM.
The size of the internal RAM imposes a hard limit to the number of addresses that the TNETX15VE can support.
IEEE Std 1149.1 test port (JTAG)
The test-access port is composed of five terminals that are used to interface serially with the device and the
board on which it is installed for boundary-scan testing. The TNETX15VE is fully JTAG compliant, with the
exception of requiring external pullup resistors on terminals TDI, TMS, and TRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com