Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 76 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 76 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 72Page - Texas Instruments TNETX15VE Datasheet HTML 73Page - Texas Instruments TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments TNETX15VE Datasheet HTML 78Page - Texas Instruments TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
76
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
TNETX15VE operational modes
The TNETX15VE operational modes are selected through the control register. They are used to control decision
points in the logic operations. The modes available through the control register are NAUTO, NCRC, and MIRR.
Other operating parameters are selectable through the agingtimer, NLRNports, TXblock, and RXblock
registers.
NAUTO mode
The not automatically add-address (NAUTO) mode is implemented to give the management CPU complete
control of the lookup table. It does so by disabling the two automatic processes that can affect the lookup-table,
wire additions, and aging.
NAUTO mode disables adding addresses to the TNETX15VE tables learned from packets passing through the
TNETX3150/TNETX3150A. All addresses in the TNETXVE must be added through the DIO interface (see ADD
in internal register section). No interrupt is generated on addresses added through the DIO interface, even if
the host sets the NEW bit in the addport register so that the address can be found with a FINDNEW command.
NEW interrupts in this mode signal that the address checking state machine has seen an address on the wire
that is not in the table.
NAUTO also affects the AGE logic operation by disabling it. AGE does not delete nodes from the table even
if the table is full. It is the management’s responsibility in this mode to maintain the addresses in the lookup table.
Table-full conditions are determined through a FULL interrupt.
NCRC mode
The no-CRC (NCRC) check mode enables the TNETX15VE to add addresses learned from packets before the
CRC is checked. It is a performance-boosting feature for the ADD state machine and it allows it to perform more
ADD logic operations in the same amount of time. This allows the TNETX15VE to add more efficiently and keep
the aging time stamp current on nodes that do not talk frequently on the network, avoiding unnecessary aging.
The tradeoff in this mode is the possibility that corrupt addresses could be added into the lookup table. This
condition should not become critical unless aging is turned off.
MIRR mode
The mirrors activity (MIRR) mode directs all of a port’s traffic to a user-specified port. This, in effect, mirrors the
activity to the selected port. Three types of traffic are copied: traffic that is directed to the port, traffic that is
coming from the port, and traffic that stays within the port’s segment and would ordinarily be discarded. MIRR
mode may decrease performance in the switch since it generates additional traffic within the
TNETX3150/TNETX3150A.
aging modes (agingtimer register)
The TNETX15VE implements an autonomous aging logic operation. There are two modes of aging and these
modes are controlled through the agingtimer register. The two modes are time-threshold aging and table-full
aging.
Time-threshold aging is set by writing a value between 0x0001 and 0xFFFE to this register. In this mode, the
register value gives the time in seconds that is used by the AGE logic operation to delete addresses. This
provides an aging range of 1 second to 18 hours. Addresses older than this are deleted.
Table-full aging is set by writing 0x0000 or 0xFFFF to the register. In this mode, the AGE logic operation ages
out addresses only when the table is full and the ADD logic operation needs to add an address. AGE deletes
the oldest address in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com