Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 86 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 86 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 82Page - Texas Instruments TNETX15VE Datasheet HTML 83Page - Texas Instruments TNETX15VE Datasheet HTML 84Page - Texas Instruments TNETX15VE Datasheet HTML 85Page - Texas Instruments TNETX15VE Datasheet HTML 86Page - Texas Instruments TNETX15VE Datasheet HTML 87Page - Texas Instruments TNETX15VE Datasheet HTML 88Page - Texas Instruments TNETX15VE Datasheet HTML 89Page - Texas Instruments TNETX15VE Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
86
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
adding unicasts and multicast addresses
There is no significant change in procedure between adding unicast and multicast addresses. There is one
difference that the programmer must observe. The TNETX15VE stores different information for multicast
addresses than for unicast addresses. Unicast addresses use a 4-bit code for the port number and three flag
bits. Multicast addresses store a 15-bit port vector code.
Both data formats are added through the addport register. The format for this register changes, depending on
bit 40 in the addnode register. If set to 1, the addport data is interpreted as multicast (if not, it is interpreted as
unicast).
deleting an address
The TNETX15VE has two ways to delete addresses from the lookup table — the internal aging algorithm and
a host request through the DIO interface. The DEL state machine is responsible for deleting addresses from
the lookup table. DEL takes its information from the DIO registers for DIO deletes and from the AGE logic
operation for aging deletes.
The TNETX15VE implements a 16-bit timer, incrementing every second for the aging process. This timer is used
to write the time stamp during ADDs and for comparing ages.
aging (AGE logic operation)
The AGE logic operation is responsible for automatic address deletes. The TNETX15VE implements two styles
of aging: time-threshold aging and table-full aging. The aging style is selected through the agingtimer register.
A value of 0x0000 or 0xFFFF in the agingtimer register selects table-full aging. Any other value selects
time-threshold aging. The AGE logic operation is disabled when the TNETX15VE is placed in NAUTO mode.
The aging algorithm works as shown in Figure 16 and described in the following:
Find Oldest
Start
Wait for
Condition
Delete
Scan
Figure 16. Aging Algorithm Block Diagram
The operation AGE scans the table for the oldest address (state = find oldest state). AGE determines
the oldest address by finding the address in the lookup table with the lowest time stamp. If more than one
address has the same oldest time stamp, AGE picks the first address. The AGE scanning process omits
all multicast addresses. This process also omits unicast addresses that have been secured by setting
the SECURE flag. These addresses can be deleted only by a DIO-delete command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com