Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 96 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 96 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 92Page - Texas Instruments TNETX15VE Datasheet HTML 93Page - Texas Instruments TNETX15VE Datasheet HTML 94Page - Texas Instruments TNETX15VE Datasheet HTML 95Page - Texas Instruments TNETX15VE Datasheet HTML 96Page - Texas Instruments TNETX15VE Datasheet HTML 97Page - Texas Instruments TNETX15VE Datasheet HTML 98Page - Texas Instruments TNETX15VE Datasheet HTML 99Page - Texas Instruments TNETX15VE Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
96
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements (see Note 8 and Figure 21)
DRAM interface
NO.
MIN
MAX
UNIT
1
tsu(DD)
Setup time, DD35–DD0 valid before OSCIN
12
ns
2
tsu(DWE)
Setup time, from DWE
↓ to OSCIN↑
4
ns
3
tsu(DRAS)
Setup time, from DRAS
↓ to OSCIN↑
4
ns
4
tsu(DCAS)
Setup time, from DCAS
↓ to OSCIN↑
4
ns
5
th(DD)
Hold time, DD35–DD0 valid after OSCIN
3
ns
6
th(DWE)
Hold time, DWE low after OSCIN
3
ns
7
th(DRAS)
Hold time, DRAS low after OSCIN
3
ns
8
th(DCAS)
Hold time, DCAS low after OSCIN
3
ns
NOTE 8: The TNETX15VE monitors the DRAM interface to extract frame information. The TNETX15VE extracts information on only the write
cycles. The TNETX15VE does not output any signals to the DRAM interface. The only parameters that apply to the TNETX15VE on
this interface are delay times, with respect to OSCIN, that translate into the TNETX15VE setup times. The TNETX15VE implements
internal delay elements to ensure its setup requirements.
OSCIN
(input)
Data
DWE
(input)
DRAS
(input)
DCAS
(input)
DD35–DD0
(input)
1
4
2
Z
Z
TNETX15VE Latches Here
3
5
6
7
8
Figure 21. DRAM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com