Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 44 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 44 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 40Page - Texas Instruments TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments TNETX15VE Datasheet HTML 46Page - Texas Instruments TNETX15VE Datasheet HTML 47Page - Texas Instruments TNETX15VE Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
44
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
VLAN routing mask registers, VLANmask at 0x50–0x6F (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
VLANmask1
VLANmask0
0x50
VLANmask3
VLANmask2
0x54
Reserved
0x58
Reserved
0x5C
Reserved
0x60
Reserved
0x64
Reserved
0x68
Reserved
0x6C
Each VLANmask register corresponds one-to-one to a VLAN value. The TNETX15VE currently supports four
VLANs, but space is reserved for future inclusion of 16 VLANs. The VLANmask register has the following format:
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
VLANmask
Initial Values After Reset
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
The VLANmask registers are used in two ways.
When an address is not found, the VLANmask register (corresponding to the VLAN assigned to the
source port) is used as an unknown routing mask. Frames are forwarded to the ports specified in the
registers.
When a multicast address is found in the lookup table, the lookup table port bit map is masked using the
VLANmask register corresponding to the VLAN assigned to the source port. The VLANmask masks
destination ports on a VLAN. The vectors for each VLAN allow the user to restrict broadcast traffic on
that VLAN to only the ports in that VLAN that require it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com