| Electronic Components Datasheet Search |
|
TNETX15VE Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 90 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION ADD interrupts (NEW, NEWM, CHNG, CHNGM, SECVIO, SECVIOM, and FULL) The ADD interrupts generate collateral information in the following registers: BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Newnode23–Newnode16 Newnode31–Newnode24 Newnode39–Newnode32 Newnode47–Newnode40 0x30 Newport Newnode7–Newnode0 Newnode15–Newnode8 0x34 Add interrupts are sourced by the ADD logic operation only based on information from the wire. ADD indicates a new address by a NEW interrupt, an address is changing ports by a CHNG interrupt, and a security violation by a SECVIO interrupt. The FULL interrupt indicates that ADD needed to start AGE (to free up table space) if NAUTO is 0, or the host needs to delete some addresses if NAUTO = 1. The add interrupts are indicated in the interrupt register and the information for the particular interrupt is placed in the newnode and newport registers. Since there is only one set of registers that is shared for these interrupts and to ensure that the information placed in these registers is not corrupted during reads, ADD locks the newnode and newport registers until the most-significant byte of newport is read. Locking these registers means that ADD does not have a place to put information for new events. If additional events are missed, they are indicated in the int register as missed interrupts (NEWM, CHNGM, and SECVIOM). On a NEW interrupt, the newport register contains information about the node’s VLAN and the port for the new address. On a CHNG interrupt, this register identifies the new port address. On a SECVIO interrupt, the address does not move to the port, but the newport register indicates to which port it tried to move. aging interrupts (AGE, AGEM) When an address is aged out by the internal AGE logic, it generates an interrupt and reports about that address in the following registers: BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Agednode23–Agednode16 Agednode31–Agednode24 Agednode39–Agednode32 Agednode47–Agednode40 0x40 AgedVLAN Agedport Agednode7–Agednode0 Agednode15–Agednode8 0x44 AGE indicates an interrupt every time that it ages out a node. It places the information on the node (being aged out) on the agednode register, the node’s port on agedport, and VLAN in the agedVLAN register. These registers are locked when a new interrupt is given to protect the information contained. Missed interrupts due to these registers being locked are indicated as an AGEM interrupt. These registers are unlocked when the agedVLAN register is read. statistic interrupt (STAT) The statistic interrupt is given when one of the statistic registers (except for numnodes) becomes one-half full; the most-significant bit becomes a 1. This is an indication to the management CPU that the statistic registers should be read to avoid counter overrun. Reading a statistic counter, except for numnodes, clears it. FIND interrupt (FNDCPLT) The FIND interrupts are implemented to indicate when the FIND logic operation has completed a FIND command. The software either polls the FIND command bit for a complete indication or it is hardware interrupted by setting the FNDCPLT bit in intmask. This bit is cleared when read. NBLCK RX FIFO interrupt (RXFIFO) The NBLCK RX FIFO interrupt is implemented to indicate when the NBLCK FIFO has information in it (not empty). The source address, port, and tag information is placed on this FIFO when the destination address matches an address in the lookup table that has the NBLCK bit set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |