Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 82 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 82 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 78Page - Texas Instruments TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments TNETX15VE Datasheet HTML 82Page - Texas Instruments TNETX15VE Datasheet HTML 83Page - Texas Instruments TNETX15VE Datasheet HTML 84Page - Texas Instruments TNETX15VE Datasheet HTML 85Page - Texas Instruments TNETX15VE Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
82
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
VLAN and PORT find modifier bits (continued)
If an address was found, perform a FINDNEXT port by:
Setting PORT and NEXT bits in the findcontrol register. The TNETX15VE scans the lookup
table for the next address after the one contained in findnode. Since VLANs are port based, the
same MAC address cannot appear more than once on the same port.
Waiting until the FNDCPLT interrupt is asserted, or poll findcontrol until the NEXT bit is cleared.
The PORT bit stays set.
Reading the findcontrol register. If FOUND is set, the next address was found and the node’s
address and information are placed in the registers. If FOUND is not set, there are no more
addresses associated with this port.
Repeat the FINDNEXT port command until no more nodes are found.
The VLAN bit is similar to the PORT bit in that it limits the FINDFIRST, FINDNEXT, and FIND commands to look
for only the addresses whose VLANID matches the VLAN contained in findVLANID. This command is useful
when management wants to know all addresses that are associated with a VLAN. This function returns both
unicasts and multicast addresses assigned to the VLAN. To dump addresses associated with VLAN 0x3, the
user must:
Write a 0x03 to findVLANID.
Perform a FINDFIRST VLAN command by:
SettingtheVLANandFIRSTbitsinthefindcontrolregister.Nowritetofindnodeisrequired.The
TNETX15VE scans the lookup table for the first address that is associated with VLAN 0x3.
Waiting until the FNDCPLT interrupt is asserted (or poll findcontrol) until the FIRST bit is
cleared. The VLAN bit stays set.
Reading the findcontrol register. If FOUND is set, and an address was found, the node’s
address and information are placed in the registers. If FOUND is not set, there are no more
addresses associated with this VLAN.
If an address is found, perform a FINDNEXT VLAN by:
Setting the VLAN and NEXT bits in the findcontrol register. The TNETX15VE scans the lookup
table for the next address associated with the VLAN, starting with the address left in the
previous step.
WaitinguntiltheFNDCPLTinterruptisasserted(orpollfindcontrol)untiltheNEXTbitiscleared.
The VLAN bit stays set.
Reading the findcontrol register. If FOUND is set, and the next address was found, the node’s
address and information are placed in the registers. If FOUND is not set, there are no more
addresses associated with this VLAN.
Repeat the FINDNEXT port command until no more nodes are found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com