Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic CS42L50 Datasheet HTML 10Page - Cirrus Logic CS42L50 Datasheet HTML 11Page - Cirrus Logic CS42L50 Datasheet HTML 12Page - Cirrus Logic CS42L50 Datasheet HTML 13Page - Cirrus Logic CS42L50 Datasheet HTML 14Page - Cirrus Logic CS42L50 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
CS42L50
DS544PP1
11
DIGITAL CHARACTERISTICS (T
A = 25° C; VL = 1.7 V - 3.3 V; GND = 0 V)
ABSOLUTE MAXIMUM RATINGS (GND = 0V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground.)
Notes: 15. VA and VA_HP should be tied to the same supply as shown in Figure 4.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
0.7 x VL
-
-
V
Low-Level Input Voltage
VIL
-
-
0.3 x VL
V
Input Leakage Current
Iin
--
±10
µA
High-Level Output Voltage
VOH
0.7 x VL
-
-
V
Low-Level Output Voltage
VOL
-
-
0.3 x VL
V
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Capability
VA=1.8 V
VA=3.0 V
-
-
TBD
3
-
-
mA
mA
MUTEC High-Level Output Voltage
-
VA
-
V
MUTEC Low-Level Output Voltage
-
0
-
V
Parameters
Symbol
Min
Max
Units
DC Power Supplies:
Analog&Headphone
Digital I/O
VA&VA_HP
VL
-0.3
-0.3
4.0
4.0
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VL+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
Ambient Temperature
TA
-10
-
70
°C
DC Power Supplies:
Analog&Headphone
(Note 15)
Digital I/O
VA&VA_HP
VL
1.7
1.7
-
-
3.6
3.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com