Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 27Page - Cirrus Logic CS42L50 Datasheet HTML 28Page - Cirrus Logic CS42L50 Datasheet HTML 29Page - Cirrus Logic CS42L50 Datasheet HTML 30Page - Cirrus Logic CS42L50 Datasheet HTML 31Page - Cirrus Logic CS42L50 Datasheet HTML 32Page - Cirrus Logic CS42L50 Datasheet HTML 33Page - Cirrus Logic CS42L50 Datasheet HTML 34Page - Cirrus Logic CS42L50 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
CS42L50
DS544PP1
31
5. PIN DESCRIPTIONS
Filter Capacitor
AFLTR
RST
Reset
Filter Capacitor
AFLTL
SCL
Control Port Clock
Voltage Reference
FILT+_ADC
SDA
Control Port Data
Analog Input 2 Right
AIN_R2
LRCK
Left/Right Clock
Analog Input 2 Left
AIN_L2
SDOUT
Serial Audio Data Output
Ground Reference
REF_GND
VA
Analog Power
Analog Input 1 Right
AIN_R1
GND
Ground Reference
Analog Input 1 Left
AIN_L1
VL
Interface Power
Quiescent Voltage
VQ_ADC
SDIN
Serial Audio Data Input
Voltage Reference
FILT+_DAC
MCLK
Master Clock
Quiescent Voltage
VQ_DAC
SCLK
Serial Clock
Headphone A Output
HP_A
MUTEC
External Mute Control
Headphone Amp Power
VA_HP
AOUTL
Analog Output Left
Headphone B Output
HP_B
AOUTR
Analog Output Right
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
Pin Name
#
Pin Description
VA
23 Analog Power (Input) - Positive power supply for the analog section. Refer to the Recommended Oper-
ating Conditions for appropriate voltages.
VL
21 Logic Power (Input) - Determines the required signal level for the digital input/output. Refer to the Rec-
ommended Operating Conditions for appropriate voltages.
VA_HP
13 Headphone Amp Power (Input) - Positive power supply for the headphone amplifier. Refer to the Rec-
ommended Operating Conditions for appropriate voltages.
VQ_ADC
VQ_DAC
9,11 Quiescent Voltage (Output) - Filter connection for internal quiescent voltage. VQ must be capacitively
coupled to analog ground, as shown in the Typical Connection Diagram. The nominal voltage level is
specified in the Analog Characteristics and Specifications section. VQ presents an appreciable source
impedance and any current drawn from this pin will alter device performance. However, VQ can be used
to bias the analog circuitry assuming there is no AC signal component and the DC current is less than
10uA.
REF_GND
6
Reference Ground
(Input) - Ground reference for the internal sampling circuits and must be connected
to analog ground.
GND
22 Ground (Input) - Ground reference. Should be connected to analog ground.
Serial Audio
Interface
MCLK
19 Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
SCLK
18 Serial Clock (Input/Output) - Serial clock for the serial audio interface.
LRCK
25 Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
SDIN
20 Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
SDOUT
24 Serial Audio Data Output (Output) - Output for two’s complement serial audio data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com