Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic CS42L50 Datasheet HTML 24Page - Cirrus Logic CS42L50 Datasheet HTML 25Page - Cirrus Logic CS42L50 Datasheet HTML 26Page - Cirrus Logic CS42L50 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
CS42L50
DS544PP1
23
4.1.19 Clip Detection Status (address 07h)
Default = 0 (No clipping detected)
Function:
The Clip Flags indicate when there is an over-range condition anywhere in the CS42L50 internal signal
path. These bits are “sticky”. They constantly monitor the ADC signal path and are set to 1 when an over-
range condition occurs. They are reset to 0 when read.
4.2
DAC (Address = 0010001)
4.2.1 Power and Muting Control (address 01h)
4.2.2
AUTO-MUTE (AMUTE)
Default = 1
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter output will mute following the reception of 8192 consecutive audio sam-
ples of static 0 or -1. A single sample of non-static data will release the mute. Detection and muting is
done independently for each channel. The quiescent voltage on the output will be retained and the Mute
Control pin will go active during the mute period. The muting function is affected, similar to volume control
changes, by the Soft and Zero Cross bits in the Power and Muting Control register.
4.2.3 SOFT RAMP AND ZERO CROSS CONTROL (SZC)
Default = 10
00 - Immediate Change
01 - Zero Cross Digital and Analog
10 - Ramped Digital and Analog
11 - Reserved
Function:
Immediate Change
When Immediate Change is selected all level changes will take effect immediately in one step.
Zero Cross Digital and Analog
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a
timeout period of 512 sample periods (10.7 ms at 48 kHz sample rate) if the signal does not encounter a
zero crossing. The zero cross function is independently monitored and implemented for each channel.
765
4321
0
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
CLIP_L
CLIP_R
000
0000
0
765
4321
0
AMUTE
SZC1
SZC0
POR
PDNHP
PDNLN
PDN
CP_EN
110
1001
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com