Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 17Page - Cirrus Logic CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic CS42L50 Datasheet HTML 24Page - Cirrus Logic CS42L50 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
CS42L50
DS544PP1
21
4.1.14 INDEPENDENT VOLUME CONTROL ENABLE (INDVC)
Default = 0
0 - Disabled
1 - Enabled
Function:
When this function is disabled, the AIN_L and AIN_R volume levels are controlled by the Left and Right
Volume Control registers and the Independent Analog Gain Control registers are ignored.
When this function is enabled, the volume levels are determined by both the Volume Control registers and
the Independent Analog Gain Control registers.
4.1.15 LEFT CHANNEL VOLUME = RIGHT CHANNEL VOLUME (L=R)
Default = 0
0 - Disabled
1 - Enabled
Function:
When this function is disabled, the left channel volume is determined by the left channel volume control
register and right channel volume is determined by the right channel volume control register.
When enabled, the left and right channel volumes are determined by the left channel volume control reg-
ister and the right channel volume control register is ignored.
4.1.16 HIGH-PASS FILTER FREEZE (HPFREEZE)
Default = 0
0 - Frozen
1 - Enabled
Function:
The high-pass filter works by continuously subtracting a measure of the dc offset from the output of the
decimation filter. If the HPFREEZE bit is taken low during normal operation, the current value of the dc
offset is frozen and this dc offset will continue to be subtracted from the conversion result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com