Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 16Page - Cirrus Logic CS42L50 Datasheet HTML 17Page - Cirrus Logic CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic CS42L50 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
CS42L50
20
DS544PP1
4.1.11 Analog I/O Control (address 03h)
4.1.12 LEFT/RIGHT CHANNEL MUTE (MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
Digital mute of the left and right ADC channels.
4.1.13 SOFT RAMP AND ZERO CROSS ENABLE (SOFT/ZC)
Default = 11
00 - Change volume immediately
01 - Change volume at next zero cross time
10 - Change volume in 1dB steps
11 - Change volume in 1dB steps at every zero cross time
Function:
Soft Ramp Enable :
Soft Ramp allows level changes, both muting and attenuation, to be implemented via an incremental
ramp. Digital volume control is ramped from the current level to the new level at a rate of 1/8 dB per
left/right clock period. Analog volume control is ramped in 1 dB steps every 8 left/right clock periods in
Single Speed mode, and 1dB every 16 left/right clock periods in Double Speed mode.
Zero Cross Enable :
Zero Cross enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a tim-
eout period of 512 sample periods in Single Speed mode or 1024 sample periods in Double Speed mode
(approximately 10.7ms at 48kHz sample rate) if the signal does not encounter a zero crossing. The zero
cross function is independently monitored and implemented for each channel.
Soft Ramp and Zero Cross Enable :
Soft Ramp and Zero Cross enable dictates that signal level changes, either by attenuation changes or
muting, will occur in 1 dB steps and be implemented on a signal zero crossing. The level change will occur
after a timeout period of 512 sample periods in Single Speed mode or 1024 sample periods in Double
Speed mode (approximately 10.7 ms at 48kHz sample rate) if the signal does not encounter a zero cross-
ing. The zero cross function is independently monitored and implemented for each channel.
765
4321
0
MUTEL
MUTER
SZC1
SZC0
RESERVED
INDVC
L=R
HPFREEZE
001
1000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com