Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 13Page - Cirrus Logic CS42L50 Datasheet HTML 14Page - Cirrus Logic CS42L50 Datasheet HTML 15Page - Cirrus Logic CS42L50 Datasheet HTML 16Page - Cirrus Logic CS42L50 Datasheet HTML 17Page - Cirrus Logic CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
CS42L50
DS544PP1
17
6h
Tone Control
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
default
000
000
0
0
7h
Mode Control
BBCF1
BBCF0
TBCF1
TBCF0
A=B
DEM1
DEM0
VCBYP
default
000
000
0
0
8h
Reserved
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
default
000
100
0
0
9h
Reserved
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
default
001
000
0
0
Ah
Volume and Mixing
Control
TC1
TC0
TC_EN
Reserved
ATAPI3
ATAPI2
ATAPI1
ATAPI0
default
000
010
0
1
Bh
Mode Control 2
MCLKDIV
LINE1
LINE0
Reserved Reserved
DIF2
DIF1
DIF0
default
000
000
0
0
Addr
Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com