Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 15Page - Cirrus Logic CS42L50 Datasheet HTML 16Page - Cirrus Logic CS42L50 Datasheet HTML 17Page - Cirrus Logic CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
CS42L50
DS544PP1
19
4.1.6 Interface Control (address 02h)
4.1.7
MASTER CLOCK DIVIDE (MCLKDIV)
Default = 0
0 - Disabled
1 - Enabled
Function:
Divides ADC MCLK by two prior to all other chip circuitry.
4.1.8
MASTER CLOCK RATIO (RATIO)
Default = 00
00 - 128x
01 - 192x
10 - 256x
11 - 384x
Function:
Sets the ratio of MCLK to LRCK for the ADC.
4.1.9
MASTER MODE (MASTER)
Default = 0
0 - Slave Mode
1 - Master Mode
Function:
Configures the CS42L50 for master or slave operation.
4.1.10 DIGITAL INTERFACE FORMAT (DIF)
Default = 000
000 - I2S, up to 24-bit data, data valid on positive edge of SCLK
001 - Left Justified, up to 24-bit data, data valid on positive edge of SCLK
010 - Reserved
011 - Right Justified, 16-bit data, data valid on positive edge of SCLK
100 - Right Justifed, 24-bit data, data valid on positive edge of SCLK
101 - Right Justified, 18-bit data, data valid on positive edge of SCLK
110 - Right Justified, 20-bit data, data valid on positive edge of SCLK
111 - Reserved
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 25 through 30. It is recommended that the ADC
and the DAC are configured for the same Digital Interface Format.
765
4321
0
RESERVED
MCLKDIV
RATIO1
RATIO0
MASTER
DIF2
DIF1
DIF0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com