Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 26Page - Cirrus Logic CS42L50 Datasheet HTML 27Page - Cirrus Logic CS42L50 Datasheet HTML 28Page - Cirrus Logic CS42L50 Datasheet HTML 29Page - Cirrus Logic CS42L50 Datasheet HTML 30Page - Cirrus Logic CS42L50 Datasheet HTML 31Page - Cirrus Logic CS42L50 Datasheet HTML 32Page - Cirrus Logic CS42L50 Datasheet HTML 33Page - Cirrus Logic CS42L50 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
CS42L50
30
DS544PP1
11 - Line Mute
Function:
The Line Amplifier Gain Compensation bits allow the user to scale the full-scale line output level according
to the power supply voltage used. The full-scale line output level will be equal to {gain factor}xVA, where
{gain factor} is selected from options above.
The Line Mute option is available to allow muting of the line output when the headphone output is still in
use and the line amp is still powered up. To use this feature, first mute the outputs via the ATAPI bits.
Next, set the LINE GAIN to Line Mute. Finally, un-mute the outputs with the ATAPI bits. Following these
steps will ensure a click free mute.
4.2.28 DIGITAL INTERFACE FORMAT (DIF)
Default = 000 - Format 0 (I2S, up to 24-bit data)
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 25-30. It is recommended that the ADC and the
DAC is configured for the same Digital Interface Format.
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
000
I2S, up to 24-bit data
030
001
Reserved
--
010
Left Justified, up to 24-bit data,
225
011
Right Justified, 24-bit data
327
100
Right Justified, 20-bit data
429
101
Right Justified, 16-bit data
526
110
Right Justified, 18-bit data
628
111
Identical to Format 0
030
Table 6. Digital Interface Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com